Electronic Components Datasheet Search
  English  ▼

X  

TLC5960DAR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DAR
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DAR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5960DAR Datasheet HTML 12Page - Texas Instruments TLC5960DAR Datasheet HTML 13Page - Texas Instruments TLC5960DAR Datasheet HTML 14Page - Texas Instruments TLC5960DAR Datasheet HTML 15Page - Texas Instruments TLC5960DAR Datasheet HTML 16Page - Texas Instruments TLC5960DAR Datasheet HTML 17Page - Texas Instruments TLC5960DAR Datasheet HTML 18Page - Texas Instruments TLC5960DAR Datasheet HTML 19Page - Texas Instruments TLC5960DAR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Dn
Sn
LEDOpen
(LOD)
VLED
FETOpen
(FOD)
FETShort
(FSD)
LEDShort
(LSD)
VADJ
Failure
Recognition
Logic
Routine
Drain
Node
Failure
Detectors
Source
Node
Failure
Detectors
XFLT
TLC5960
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
PROTECTION FEATURES
The TLC5960 provides protection features to keep the entire system safe. The TLC5960 internal error
recognition routine is triggered when the detection comparator detects an abnormal system status. After the error
recognition, the TLC5960 first shuts off the corresponding error channel and separates the channel from the
other normal operating channels; then, the TLC5960 indicates the error status through the XFLT buffer drive. In
cases of LED failure, the TLC5960 provides protection for both the LED open detection (LOD) and LED short
detection (LSD). Also, if the external FET fails, the FET open detection (FOD) and FET short detection (FSD)
features are provided, as shown in Figure 19.
The error status can be easily identified by monitoring the XFLT output. The XFLT output drive is designed to
toggle with a different duty ratio, each with a fixed frequency corresponding to the failure mode. The XFLT toggle
frequency is approximately 80kHz. The duty ratio is 25%, 50%, 75% ,and 100% for each of the respective failure
modes: LOD, LSD, FOD, and FSD. Table 2 summarizes the indications and the protective actions to take for all
protection modes.
The appropriate LED short detection (LSD) threshold can be selected in 4/8CH HVM mode through the HVM4
input voltage. Other detection thresholds are automatically determined internally by the TLC5960.
Figure 19. Protection Features on the TLC5960 Driver System
Table 2. Protection Feature Summary
PROTECTION
DETECTION
PROTECTIVE
RECOVERY
FUNCTION
THRESHOLD
MONITOR
LATCH
INDICATION
ACTION
CONDITION
LED open detection
Dn < 0.8V
During on
Yes
XFLT = low 25% duty
Channel off
(LOD)
LED short detection
VIN < VPOR or toggle EN
See Note(1)
During on
Yes
XFLT = low 50% duty
Channel off
(LSD)
high, low, high
FET open detection
Sn < VADJ/4
During on
Yes
XFLT = low 75% duty
Channel off
(FOD)
(VADJ < 1.4V)
FET short detection
Sn > 0.9V
Continuous
No
XFLT = low 100% duty
N/A
Sn < 0.7V
(FSD)(2)
Thermal shutdown
VREG5 off,
VIN < VPOR or toggle EN
Temp > +160°C
Continuous
Yes
XFLT = low 100% duty
(TSD)
all channels off
high, low, high
(1)
Detection threshold is Dn > 19.2V for HVM 2CH mode, and Dn > 8 × HVM4(V) for 4/8CH mode.
(2)
In the case of FSD, the TLC5960 has already driven Gn to a lower level so that the failed channel is shut off and no additional protection
is needed.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com