Electronic Components Datasheet Search
  English  ▼

X  

6090 Datasheet(PDF) 19 Page - ON Semiconductor

Part # 6090
Description  Evaluation Board Manual for High Frequency LQFP32
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

6090 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button 6090 Datasheet HTML 14Page - ON Semiconductor 6090 Datasheet HTML 15Page - ON Semiconductor 6090 Datasheet HTML 16Page - ON Semiconductor 6090 Datasheet HTML 17Page - ON Semiconductor 6090 Datasheet HTML 18Page - ON Semiconductor 6090 Datasheet HTML 19Page - ON Semiconductor 6090 Datasheet HTML 20Page - ON Semiconductor 6090 Datasheet HTML 21Page - ON Semiconductor 6090 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ECLLQFP32EVB
http://onsemi.com
19
LAB SETUP
Figure 19. Example of Standard Lab Setup (Configuration 12)
D
U
T
Differential
Signal
Generator
Test Measuring
Equipment
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
Trigger
Trigger
Out1
Out1
J4
J3
J31
J30
J29
J28
J27
J26
J24
J23
VCC GND VEE
Power Supply
1. Connect appropriate power supplies to VCC, VEE,
and GND.
For standard ECL lab setup and test, a split (dual)
power supply is required enabling the 50
W
internal impedance in the oscilloscope to be used
as a termination of the ECL signals (VTT = VCC
– 2.0 V, in split power supply setup, VTT is the
system ground, VCC is 2.0 V, and VEE is –3.0 V or
–1.3 V; see Table 16).
2. Connect a signal generator to the input SMA
connectors. Setup input signal according to the
device data sheet.
3. Connect a test measurement device on the device
output SMA connectors.
NOTE:
The test measurement device must contain 50
W
termination.
Table 16. Power Supply Levels
Power Supply
VCC
VEE
GND
5.0 V
2.0 V
-3.0 V
0.0 V
3.3 V
2.0 V
-1.3 V
0.0 V
2.5 V
2.0 V
-0.5 V
0.0 V
Table 17. Bill of Materials
Components
Manufacturer
Description
Part Number
Web Site
SMA Connector
Johnson
Components*
SMA Connector, Side Launch,
Gold Plated
142-0701-851
http://www.johnsoncomponents.com
Banana Jack
Keystone*
Standard Jack
6096
http://www.keyelco.com
Miniature Jack
6090
Chip Capacitor
Johanson
Dielectric*
0603 0.01
mF
500R14Z100MV4E
http://www.johansondielectrics.com
Dielectric*
0603 0.1
mF
250R14Z101MV4E
Chip Resistor
Panasonic*
0402 50
W ±1% Precision
Think Film Chip Resistor
ERJ-2RKF49R9X
http://www.panasonic.com
Evaluation Board
ON Semiconductor
LQFP32 Evaluation Board
ECLLQFP32EVB
http://www.onsemi.com
Device Samples
ON Semiconductor
LQFP32 Package Device
Various
http://www.onsemi.com
*Components are available through most distributors, i.e. www.newark.com, www.digikey.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com