Electronic Components Datasheet Search
  English  ▼

X  

OUE8A Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OUE8A
Description  Ultraviolet (UV) Metal Can LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OUE8A Datasheet(HTML) 2 Page - OPTEK Technologies

  OUE8A Datasheet HTML 1Page - OPTEK Technologies OUE8A Datasheet HTML 2Page - OPTEK Technologies OUE8A Datasheet HTML 3Page - OPTEK Technologies OUE8A Datasheet HTML 4Page - OPTEK Technologies OUE8A Datasheet HTML 5Page - OPTEK Technologies OUE8A Datasheet HTML 6Page - OPTEK Technologies OUE8A Datasheet HTML 7Page - OPTEK Technologies OUE8A Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
07/09
Page 2 of 8
Ultraviolet (UV) Metal Can LED
OUE8A Series
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-40o C to +125o C
Allowable Reverse Current (IR)
85 mA
Continuous Forward Current
100 mA
Peak Pulsed Forward Current (Pulse Width 100 usec @ 10% duty cycle)
1.6 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)
Power Dissipation
370 mW
Operating Temperature Range
-40o C to +85o C
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when wave soldering.
Electrical & Optical Characteristics (TA = 25°C unless otherwise noted)
SYMBO
L
PARAMETER
MIN
TYP
MAX UNITS
TEST CONDITIONS
VF
Forward Voltage
3.0
3.3
3.7
V
ΔVF/ΔT VF Temperature Co-efficient
-4.8
mV/oC
∆λP
Spectral Half Width
-
12
-
nm
∆λP /∆T Peak Spectral Shift with Temperature
-
0.035
-
nm/°C
ΔPo/ΔT
Power Output Drop Temperature Co-efficient
-
-0.2
-
%/oC
θHP
Emission Angle at Half Power Points
-
18
-
Degree
IF = 20 mA
IF = 100 mA
0.520
[13.20]
Pin 2
Pin 1
Pin 1
Cathode
Pin 2
Anode
Dimensions are in inches [ mm]
Part Number
Date Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com