Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # TL431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL431 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button TL431 Datasheet HTML 5Page - Diodes Incorporated TL431 Datasheet HTML 6Page - Diodes Incorporated TL431 Datasheet HTML 7Page - Diodes Incorporated TL431 Datasheet HTML 8Page - Diodes Incorporated TL431 Datasheet HTML 9Page - Diodes Incorporated TL431 Datasheet HTML 10Page - Diodes Incorporated TL431 Datasheet HTML 11Page - Diodes Incorporated TL431 Datasheet HTML 12Page - Diodes Incorporated TL431 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL431/TL432
ADJUSTABLE PRECISION SHUNT REGULATOR
TL431/432
Document number: DS35050 Rev. 2 - 2
9 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
0
1
2
3
4
5
6
01
2
34
5
6
7
8
9
10
t Time ( s)
Pulse Response
μ
Out put
Input
T = 25 C
A
°
Test Circuit for Pulse Response
0
10
20
30
40
50
60
70
80
90
100
0.00001 0.0001 0.001
0.01
0.1
1
D
C -Load Capacitance - uF
Stability Boundary Conditions
L
A V
= V
B V
= 5V
C V
= 10V
D V
= 15V
KA
REF
KA
KA
KA
Stable
Stable
Stable
D
C
CB
B
A
10
T = 25 C
A
°
Test Circuit for Curve A
Test circuit for curves B, C, D
Test Circuit for Curves B, C, D
The device is stable under all conditions with a load capacitance not exceeding 50pF. The device is stable under all conditions with a load
capacitance between 5nF and 20nF. The device is stable under all conditions with a load capacitance exceeding 300nF. With a cathode
current not exceeding 5mA, the device is stable with any load capacitance
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com