Electronic Components Datasheet Search
  English  ▼

X  

TL432 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TL432
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL432 Datasheet(HTML) 2 Page - Diodes Incorporated

  TL432 Datasheet HTML 1Page - Diodes Incorporated TL432 Datasheet HTML 2Page - Diodes Incorporated TL432 Datasheet HTML 3Page - Diodes Incorporated TL432 Datasheet HTML 4Page - Diodes Incorporated TL432 Datasheet HTML 5Page - Diodes Incorporated TL432 Datasheet HTML 6Page - Diodes Incorporated TL432 Datasheet HTML 7Page - Diodes Incorporated TL432 Datasheet HTML 8Page - Diodes Incorporated TL432 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL431/TL432
ADJUSTABLE PRECISION SHUNT REGULATOR
TL431/432
Document number: DS35050 Rev. 2 - 2
2 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VKA
Cathode Voltage
40
V
IKA
Continuous Cathode Current
150
mA
IREF
Reference Input Current
-0.050 to +10
mA
TJ
Operating Junction Temperature
+150
°C
TST
Storage Temperature
-55 to +150
°C
PD
Power Dissipation (Notes 3, 4)
SOT23
330
mW
SOT25
500
mW
Notes:
2. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for
extended periods, may reduce device reliability. Unless otherwise stated voltages specified are relative to the ANODE pin.
3. TJ, max =150°C.
4. Ratings apply to ambient temperature at 25°C.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VKA
Cathode Voltage
VREF
36
V
IKA
Cathode Current
1
100
mA
TA
Operating Ambient Temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com