Electronic Components Datasheet Search
  English  ▼

X  

AHV2805DFHB Datasheet(PDF) 6 Page - International Rectifier

Part # AHV2805DFHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV2805DFHB Datasheet(HTML) 6 Page - International Rectifier

  AHV2805DFHB Datasheet HTML 1Page - International Rectifier AHV2805DFHB Datasheet HTML 2Page - International Rectifier AHV2805DFHB Datasheet HTML 3Page - International Rectifier AHV2805DFHB Datasheet HTML 4Page - International Rectifier AHV2805DFHB Datasheet HTML 5Page - International Rectifier AHV2805DFHB Datasheet HTML 6Page - International Rectifier AHV2805DFHB Datasheet HTML 7Page - International Rectifier AHV2805DFHB Datasheet HTML 8Page - International Rectifier AHV2805DFHB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com
AHV28XX Series
Application Information
EMI Filter
Inhibit Function
Connecting the inhibit pin (Pin 2 of single and dual models,
pin 8 of triple models) to the input return (pin 10) will cause
the converter to shutdown and operate in a low power
standby mode. Power consumption in this mode is calculated
by multiplying Vin times the input current inhibited, typically
225mW at Vin equal to 28V. The input current inhibited is
relatively constant with changes in Vin. The open circuit
inhibit pin voltage is typically 11.5V and can be conveniently
driven by an open collector driver. An internal pull-up resistor
enables the user to leave this pin floating if the inhibit function
is not used in their particular application. All models use
identical inhibit internal circuits. Forcing inhibit pin to any
voltage between 0V and 6V will assure the converter is
inhibited. The input current to this pin is 500
µA maximum at
Vpin2 = to 0V. The converter can be turned on by opening
Pin 2 or forcing a voltage from 10V to 50V. Inhibit pin current
from 10V to 50V is less than ± 50
µA.
An optional EMI filter ( AFC461) will reduce the input ripple
current to levels below the limits imposed by MIL-STD-
461 CEO3.
The output voltage of the AHV28XXS can be adjusted
upward by connecting a resistor between the Output
Adjust (Pin 3) and the Output Common (Pin 4) as shown
in Table 1.
Table 1: Output Adjustment Resistor Values
* Output Adjust (Single Output Models Only)
Output Voltage Increase (%)
* Resistance (Ohms)
Pin 3 to 4
5V
12V
15V
None
0
0
0
390 K
+1.0%
+1.6%
+1.7%
145 K
+2.0%
+3.2%
+3.4%
63 K
+3.1%
+4.9%
+5.1%
22 K
+4.1%
+6.5%
+6.8%
0
+5.0%
+7.9%
+8.3%
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
Vendor Cage
IR Standard
Drawing Number
Code
Part Number
5962-91773
52467
AHV2805S
5962-92112
52467
AHV2812S
5962-92113
52467
AHV2815S
5962-92114
52467
AHV2812D
5962-92115
52467
AHV2812T
5962-92116
52467
AHV2815T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com