Electronic Components Datasheet Search
  English  ▼

X  

ARM2812T Datasheet(PDF) 10 Page - International Rectifier

Part # ARM2812T
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2812T Datasheet(HTML) 10 Page - International Rectifier

Back Button ARM2812T Datasheet HTML 5Page - International Rectifier ARM2812T Datasheet HTML 6Page - International Rectifier ARM2812T Datasheet HTML 7Page - International Rectifier ARM2812T Datasheet HTML 8Page - International Rectifier ARM2812T Datasheet HTML 9Page - International Rectifier ARM2812T Datasheet HTML 10Page - International Rectifier ARM2812T Datasheet HTML 11Page - International Rectifier ARM2812T Datasheet HTML 12Page - International Rectifier ARM2812T Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.irf.com
ARM28XXT Series
Performance Characteristics (Typical @ 25°C)
50
55
60
65
70
75
80
85
0
5
10
15
20
25
30
35
Output Power (Watts)
18V
28V
50V
Figure VII.
Efficiency vs Output Power
for Three Line Voltages.
Figure VIII.
5 V Output Regulation Limits
Including all conditions of Line, Load and Cross Regulation.
4.7
4.8
4.9
5.0
5.1
5.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (Amps)
Upper Limit
Lower Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com