Electronic Components Datasheet Search
  English  ▼

X  

ATR2805S Datasheet(PDF) 12 Page - International Rectifier

Part # ATR2805S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S Datasheet(HTML) 12 Page - International Rectifier

Back Button ATR2805S Datasheet HTML 4Page - International Rectifier ATR2805S Datasheet HTML 5Page - International Rectifier ATR2805S Datasheet HTML 6Page - International Rectifier ATR2805S Datasheet HTML 7Page - International Rectifier ATR2805S Datasheet HTML 8Page - International Rectifier ATR2805S Datasheet HTML 9Page - International Rectifier ATR2805S Datasheet HTML 10Page - International Rectifier ATR2805S Datasheet HTML 11Page - International Rectifier ATR2805S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
www.irf.com
ATR28XXS Series
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 01/2007
Part Numbering
Notes:
Best commercial practice
Sample tests at low and high temperatures
-55°C to +105°C for AHE, ATO, ATW
Device Screening
Requirement
MIL-STD-883 Method
No Suffix
ES
HB
CH
Temperature Range
-20°C to +85°C -55°C to +125°C
-55°C to +125°C -55°C to +125°C
Element Evaluation
MIL-PRF-38534
N/A
N/A
N/A
Class H
Non-Destructive
Bond Pull
Internal Visual
2017
Yes
Yes
Yes
Temperature Cycle
1010
N/A
Cond B
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
N/A
500 Gs
3000 Gs
3000 Gs
PIND
2020
N/A
N/A
N/A
N/A
Burn-In
1015
N/A
48 hrs@hi temp
160 hrs@125°C 160 hrs@125°C
Final Electrical
MIL-PRF-38534
25°C
25°C
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+125°C
+125°C
PDA
MIL-PRF-38534
N/A
N/A
N/A
10%
Seal, Fine and Gross
1014
Cond A
Cond A, C
Cond A, C
Cond A, C
Radiographic
2012
N/A
N/A
N/A
N/A
External Visual
2009
Yes
Yes
Yes
N/A
N/A
2023
N/A
N/A
ATR 28 15 S F /CH
Model
Input Voltage
Nominal
28 = 28V
Output Voltage
03R3 = 3.3V
05 = 5V
12 = 12V
15 = 15V
Output
S = Single
Package Style
F = Flange
Blank = Non-Flanged
Screening Level
(Please refer to Screening Table)
No Suffix, ES, HB, CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com