Electronic Components Datasheet Search
  English  ▼

X  

AME50461 Datasheet(PDF) 2 Page - International Rectifier

Part # AME50461
Description  EMI FILTER HYBRID-HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AME50461 Datasheet(HTML) 2 Page - International Rectifier

  AME50461 Datasheet HTML 1Page - International Rectifier AME50461 Datasheet HTML 2Page - International Rectifier AME50461 Datasheet HTML 3Page - International Rectifier AME50461 Datasheet HTML 4Page - International Rectifier AME50461 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
AME50461 Series
Specifications
Notes to Specifications
Electrical Characteristics -55°C ≤ TCASE ≤ +125°C, -100V ≤ VIN ≤ +100V unless otherwise specified
ABSOLUTE MAXIMUM RATINGS Note 1
Input Voltage
-300V to +300V Note 2
Input Current
7.0A
Lead Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings
may degrade performance and affect reliability.
2.
Device can tolerate ± 300 Volt transient whose duration is
≤ 100 ms when RS ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the input to output resistance and the
return in to return out resistance paths.
Parameter
Group A
Subgroups
Test Conditions
Min
Max
Unit
Leakage Current Note 3
1, 2, 3
± 250V DC Input Voltage
0
50
µA
DC Resistance Note 4
1, 2, 3
TC = 25°C
TC = 125°C
60
100
m
Ω
Noise Reduction
4, 5, 6
200 KHz - 500 KHz
500 KHz - 1 MHz
1 MHz – 10 MHz
35
60
65
dB
Isolation
1
Any Pin to Case, Tested @ 500VDC
100
M
Ω
Capacitance
1
2, 3
Measured Between Any Pin and Case
34
30
56
62
nF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com