Electronic Components Datasheet Search
  English  ▼

X  

B32686A Datasheet(PDF) 4 Page - EPCOS

Part # B32686A
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686A Datasheet(HTML) 4 Page - EPCOS

  B32686A Datasheet HTML 1Page - EPCOS B32686A Datasheet HTML 2Page - EPCOS B32686A Datasheet HTML 3Page - EPCOS B32686A Datasheet HTML 4Page - EPCOS B32686A Datasheet HTML 5Page - EPCOS B32686A Datasheet HTML 6Page - EPCOS B32686A Datasheet HTML 7Page - EPCOS B32686A Datasheet HTML 8Page - EPCOS B32686A Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1000 400
68
12.0
× 22.5 × 42.0 B32686A0683+000
288
100
12.0
× 22.5 × 42.0 B32686A0104+000
288
150
14.0
× 25.0 × 42.0 B32686A0154+000
224
220
16.0
× 28.5 × 42.0 B32686A0224+000
192
330
20.0
× 39.5 × 42.0 B32686A0334+000
128
470
20.0
× 39.5 × 42.0 B32686A0474+000
128
1250 450
68
12.0
× 22.5 × 42.0 B32686A7683+000
288
100
14.0
× 25.0 × 42.0 B32686A7104+000
224
150
16.0
× 28.5 × 42.0 B32686A7154+000
192
220
18.0
× 32.5 × 42.0 B32686A7224+000
192
330
20.0
× 39.5 × 42.0 B32686A7334+000
128
1600 450
47
12.0
× 22.5 × 42.0 B32686A1473+000
288
68
14.0
× 25.0 × 42.0 B32686A1683+000
224
100
18.0
× 32.5 × 42.0 B32686A1104+000
192
150
20.0
× 39.5 × 42.0 B32686A1154+000
128
2000 500
22
12.0
× 22.5 × 42.0 B32686A2223+000
288
33
14.0
× 25.0 × 42.0 B32686A2333+000
224
47
16.0
× 28.5 × 42.0 B32686A2473+000
192
68
18.0
× 32.5 × 42.0 B32686A2683+000
192
100
20.0
× 39.5 × 42.0 B32686A2104+000
128
B32686A
Very high pulse (wound)
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com