Electronic Components Datasheet Search
  English  ▼

X  

IRFY044C Datasheet(PDF) 1 Page - International Rectifier

Part # IRFY044C
Description  POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY044C Datasheet(HTML) 1 Page - International Rectifier

  IRFY044C Datasheet HTML 1Page - International Rectifier IRFY044C Datasheet HTML 2Page - International Rectifier IRFY044C Datasheet HTML 3Page - International Rectifier IRFY044C Datasheet HTML 4Page - International Rectifier IRFY044C Datasheet HTML 5Page - International Rectifier IRFY044C Datasheet HTML 6Page - International Rectifier IRFY044C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
16*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
16*
IDM
Pulsed Drain Current ➀
156
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
100
mJ
IAR
Avalanche Current ➀
16*
A
EAR
Repetitive Avalanche Energy ➀
10
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300(0.063in./1.6mm from case for 10 sec)
Weight
4.3 (Typical)
g
PD - 91285D
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advan-
tages of MOSFETs, such as voltage control, very fast switch-
ing, ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required.
The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
oC
A
POWER MOSFET
THRU-HOLE (TO-257AA)
4/18/01
www.irf.com
1
60V, N-CHANNEL
HEXFET
®
MOSFET TECHNOLOGY
TO-257AA
Product Summary
Part Number
RDS(on)
ID
Eyelets
IRFY044C
0.040
Ω
16*A
Ceramic
IRFY044CM
0.040
Ω
16*A
Ceramic
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Ceramic Eyelets
n Ideally Suited For Space Level
Applications
For footnotes refer to the last page
IRFY044C,IRFY044CM
* Current is limited by pin diameter


Similar Part No. - IRFY044C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY044C SEME-LAB-IRFY044C Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
logo
International Rectifier
IRFY044C IRF-IRFY044C Datasheet
161Kb / 7P
Simple Drive Requirements
IRFY044CM IRF-IRFY044CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
IRFY044C IRF-IRFY044C_15 Datasheet
161Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFY044C

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com