Electronic Components Datasheet Search
  English  ▼

X  

AT89S8253 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89S8253
Description  8-bit Microcontroller with 12 Kbyte Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89S8253 Datasheet HTML 17Page - ATMEL Corporation AT89S8253 Datasheet HTML 18Page - ATMEL Corporation AT89S8253 Datasheet HTML 19Page - ATMEL Corporation AT89S8253 Datasheet HTML 20Page - ATMEL Corporation AT89S8253 Datasheet HTML 21Page - ATMEL Corporation AT89S8253 Datasheet HTML 22Page - ATMEL Corporation AT89S8253 Datasheet HTML 23Page - ATMEL Corporation AT89S8253 Datasheet HTML 24Page - ATMEL Corporation AT89S8253 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21
3286P–MICRO–3/10
AT89S8253
In the previous example SADDR is the same and the SADEN data is used to differentiate
between the two slaves. Slave 0 requires a 0 in bit 0 and it ignores bit 1. Slave 1 requires a 0 in
bit 1 and bit 0 is ignored. A unique address for slave 0 would be 1100 0010 since slave 1
requires a 0 in bit 1. A unique address for slave 1 would be 1100 0001 since a 1 in bit 0 will
exclude slave 0. Both slaves can be selected at the same time by an address which has bit 0 = 0
(for slave 0) and bit 1 = 0 (for slave 1). Thus, both could be addressed with 1100 0000.
In a more complex system the following could be used to select slaves 1 and 2 while excluding
slave 0:
Slave 0
SADDR = 1100 0000
SADEN = 1111 1001
Given
= 1100 0XX0
Slave 1
SADDR = 1110 0000
SADEN = 1111 1010
Given
= 1110 0X0X
Slave 2
SADDR = 1110 0000
SADEN = 1111 1100
Given
= 1110 00XX
In the previous example the differentiation among the 3 slaves is in the lower 3 address bits.
Slave 0 requires that bit 0 = 0 and it can be uniquely addressed by 1110 0110. Slave 1 requires
that bit 1 = 0 and it can be uniquely addressed by 1110 and 0101. Slave 2 requires that bit 2 = 0
and its unique address is 1110 0011. To select Slaves 0 and 1 and exclude Slave 2, use
address 1110 0100, since it is necessary to make bit 2 = 1 to exclude slave 2.
The Broadcast Address for each slave is created by taking the logical OR of SADDR and
SADEN. Zeros in this result are trended as don’t-cares. In most cases, interpreting the don’t-
cares as ones, the broadcast address will be FF hexadecimal.
Upon reset SADDR (SFR address 0A9H) and SADEN (SFR address 0B9H) are loaded with 0s.
This produces a given address of all “don’t cares” as well as a Broadcast address of all “don’t
cares”. This effectively disables the Automatic Addressing mode and allows the microcontroller
to use standard 80C51-type UART drivers which do not make use of this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com