Electronic Components Datasheet Search
  English  ▼

X  

SC4612H Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4612H
Description  40V Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612H Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4612H Datasheet HTML 7Page - Semtech Corporation SC4612H Datasheet HTML 8Page - Semtech Corporation SC4612H Datasheet HTML 9Page - Semtech Corporation SC4612H Datasheet HTML 10Page - Semtech Corporation SC4612H Datasheet HTML 11Page - Semtech Corporation SC4612H Datasheet HTML 12Page - Semtech Corporation SC4612H Datasheet HTML 13Page - Semtech Corporation SC4612H Datasheet HTML 14Page - Semtech Corporation SC4612H Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SC4612H

0dB at a rate of -20dB/dec.
4. Cancel w
ESR with compensation pole wP (wP=wESR).
5. Place a high frequency compensation pole w
P2 at
half the switching frequency to get the maximum
attenuation of the switching ripple and the high
frequency noise with adequate phase lag at w
C.
Fig2. Power stage and compensated loop gain.
COMPONENT SELECTION:
SWITCHING SECTION
OUTPUT CAPACITORS - Selection begins with the
most critical component. Because of fast transient
load current requirements in modern microprocessor
core supplies, the output capacitors must supply all
transient load current requirements until the current
in the output inductor ramps up to the new level.
Output capacitor ESR is therefore one of the most
important criteria. The maximum ESR can be simply
calculated from.
. . . . . . . . . (4)
step
current
Transient
I
excursion
voltage
transient
Maximum
V
,
where
I
V
R
t
t
t
t
ESR
=
=
≤
For example, to meet a 00mV transient limit with a
0A load step, the output capacitor ESR must be less
than 0mW. To meet this kind of ESR level, there are
four available capacitor technologies.
Applications Information (continued)
Technology
Each
Capacitor
Qty
Rqd.
Total
C
(mF)
ESR
(mW)
C
(mF)
ESR
(mW)
Ceramic
22
2-0

22
2-0
SP Cap
220
7

220
7.0
POS-CAP
680
8
2
360
9.0
Low ESR Aluminum
500
44
5
7500
8.8
The choice of which to use is simply a cost/
performance issue, with low ESR Aluminum being
the cheapest, but taking up the most space.
INDUCTOR - Having decided on a suitable type and
value of output capacitor, the maximum allowable
value of inductor can be calculated. Too large an
inductor will produce a slow current ramp rate and
will cause the output capacitor to supply more
of the transient load current for longer - leading
to an output voltage sag below the ESR excursion
calculated above.
The maximum inductor value may be calculated
from:
. . . . . . . . . (5)
(
)
O
IN
t
ESR
V
V
I
C
R
L
−
⋅
≤
The calculated maximum inductor value assumes
00% duty cycle, so some allowance must be
made. Choosing an inductor value of 50 to 75% of
the calculated maximum will guarantee that the
inductor current will ramp fast enough to reduce the
voltage dropped across the ESR at a faster rate than
the capacitor sags, hence ensuring a good recovery
from transient with no additional excursions. We
must also be concerned with ripple current in the
output inductor and a general rule of thumb has
been to allow 0%-20% of maximum output current
as ripple current. Note that most of the output
voltage ripple is produced by the inductor ripple
current flowing in the output capacitor ESR.
Ripple current can be calculated from:
. . . . . . . . . (6)
OSC
IN
L
f
L
4
V
I
RIPPLE
⋅
⋅
=
Ripple current allowance will define the minimum
permitted inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com