Electronic Components Datasheet Search
  English  ▼

X  

EL8176FSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8176FSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL8176FSZ Datasheet HTML 8Page - Intersil Corporation EL8176FSZ Datasheet HTML 9Page - Intersil Corporation EL8176FSZ Datasheet HTML 10Page - Intersil Corporation EL8176FSZ Datasheet HTML 11Page - Intersil Corporation EL8176FSZ Datasheet HTML 12Page - Intersil Corporation EL8176FSZ Datasheet HTML 13Page - Intersil Corporation EL8176FSZ Datasheet HTML 14Page - Intersil Corporation EL8176FSZ Datasheet HTML 15Page - Intersil Corporation EL8176FSZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
FN7436.8
April 3, 2009
FIGURE 39. INPUT OFFSET VOLTAGE vs TEMPERATURE
VS = ±1.2V
FIGURE 40. CMRR vs TEMPERATURE VCM = +2.5V TO -2.5V
FIGURE 41. PSRR vs TEMPERATURE VS = ±1.2V TO ±2.5V
FIGURE 42. POSITIVE VOUT vs TEMPERATURE RL = 1k
VS = ±2.5V
FIGURE 43. NEGATIVE VOUT vs TEMPERATURE RL = 1k
VS = ±2.5V
FIGURE 44. POSITIVE VOUT vs TEMPERATURE RL = 100k
VS = ±2.5V
Typical Performance Curves (Continued)
-150
-100
-50
0
50
100
150
n = 12
MAX
MEDIAN
MIN
WLCSP
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
95
100
105
110
115
120
125
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
95
100
105
110
115
120
125
130
135
140
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
4.82
4.83
4.84
4.85
4.86
4.87
4.88
4.89
4.90
4.91
-40
-20
0
20
40
60
80
100
120
n = 12
TEMPERATURE (°C)
MAX
MEDIAN
MIN
80
100
120
140
160
180
200
220
240
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MEDIAN
MIN
4.9962
4.9964
4.9966
4.9968
4.9970
4.9972
4.9974
4.9976
4.9978
4.9980
4.9982
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MAX
MEDIAN
EL8176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com