Electronic Components Datasheet Search
  English  ▼

X  

ISL97635 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 2Page - Intersil Corporation ISL97635 Datasheet HTML 3Page - Intersil Corporation ISL97635 Datasheet HTML 4Page - Intersil Corporation ISL97635 Datasheet HTML 5Page - Intersil Corporation ISL97635 Datasheet HTML 6Page - Intersil Corporation ISL97635 Datasheet HTML 7Page - Intersil Corporation ISL97635 Datasheet HTML 8Page - Intersil Corporation ISL97635 Datasheet HTML 9Page - Intersil Corporation ISL97635 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN6434.2
December 22, 2008
tHD:DAT
Data Hold Time
300
ns
tSU:DAT
Data Setup Time
250
ns
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
50
µs
tF
Clock/data Fall Time
300
ns
tR
Clock/data Rise Time
1000
ns
GENERAL TIMING SPECIFICATIONS (Note 4)
t1
Minimum Setup Time Between VIN Rising above VUVLO
with EN = 1 and SMBus Communications
EN = 1, TA = +25°C, VDC
capacitor < 10µF
80
µs
t2
Minimum Setup Time Between EN Going High with VIN
above VUVLO and SMBus Communications
VIN > VUVLO, TA= +25°C,
VDC capacitor < 10µF
80
µs
t3
Minimum Time Between VIN Rising above VUVLO with
EN = 1 to SMBus BL CTRL On
EN = 1, TA = +25°C
4.5
ms
t4
Minimum Time Between EN Going High with VIN above
VUVLO to SMBus BL CTRL On
VIN > VUVLO, TA = +25°C
4.5
ms
t5
Minimum Time for LED Output to Respond to SMBus Data at
any Levels
VIN > VUVLO, EN = 1,
TA = +25°C
5µs
t6
Response Time Between Backlight CTRL Off with Boost
Not Switching to Backlight CTRL On with Boost Switching
VIN > VUVLO, EN = 1,
TA = +25°C
5µs
t7
Response Time Between Backlight CTRL On with Boost
Switching to Backlight CTRL Off with Boost Not Switching
VIN > VUVLO, EN = 1,
TA = +25°C
5µs
t8
LED Channel Short Circuit Fault Detection to Status
Register Data Ready
VIN > VUVLO, EN = 1,
TA = +25°C, LEDs Active
6ms
t9
VOUT-GND Short Circuit Detection During Operation to
Status Register Data Ready
VIN > VUVLO, EN = 1,
TA = +25°C, Fault FET used
5µs
t10
Time Between VIN Rising Above VUVLO with EN = 1 and
VOUT-GND Short being Reported in Status Register
EN = 1, VDC capacitor < 10µF,
TA = +25°C, Fault FET used.
30
ms
t11
Time Between EN Going High with VIN Above VUVLO and
a VOUT-GND Short being Reported in Status Register
VIN > VUVLO, VDC capacitor <
10µF, TA = +25°C, Fault FET
used.
30
ms
CURRENT SOURCES
Vheadroom
Dominant Channel Current Source Headroom at IIN Pin
ILED = 20mA, TA = +25°C
100
mV
VRSET
Voltage at RSET Pin
RSET = 36.6kΩ
680
700
720
mV
ILEDmax
Maximum LED Current per Channel
RSET = 20.9kΩ
35
mA
PWM GENERATOR
FPWM
Generated PWM Frequency
CFPWM = 27nF
CPWMO = 220nF
200
Hz
DPWM
Duty Cycle Of Generated PWM (DC-to-PWM)
VPWMO = 0.3V
CFPWM = 27nF
90
%
VPWMO = 1.1V
CFPWM = 27nF
10
%
tMAX_PWM_OFF
Maximum PWMI Off Time Before Shutdown
EN/PWMI toggles
28
ms
Electrical Specifications
All specifications below are tested at TA = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ,
unless otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com