Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 22 Page - Intersil Corporation

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C86 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button 80C86 Datasheet HTML 18Page - Intersil Corporation 80C86 Datasheet HTML 19Page - Intersil Corporation 80C86 Datasheet HTML 20Page - Intersil Corporation 80C86 Datasheet HTML 21Page - Intersil Corporation 80C86 Datasheet HTML 22Page - Intersil Corporation 80C86 Datasheet HTML 23Page - Intersil Corporation 80C86 Datasheet HTML 24Page - Intersil Corporation 80C86 Datasheet HTML 25Page - Intersil Corporation 80C86 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22
FN2957.3
January 9, 2009
AC Electrical Specifications
VCC = 5.0V ±10%TA = 0°C to +70°C (C80C86, C80C86-2)
VCC = 5.0V ±10%;TA = -55°C to +125°C (M80C86)
VCC = 5.0V ±5%;TA = -55°C to +125°C (M80C86-2). Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested.
TIMING REQUIREMENTS
TEST CONDITIONS
80C86
80C86-2
UNITS
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MAX MODE SYSTEM (USING 82C88 BUS CONTROLLER)
Timing Requirements
(1)
TCLCL
CLK Cycle Period
200
125
ns
(2)
TCLCH
CLK Low Time
118
68
ns
(3)
TCHCL
CLK High Time
69
44
ns
(4)
TCH1CH2
CLK Rise Time
From 1.0V to 3.5V
10
10
ns
(5)
TCL2CL1
CLK Fall Time
From 3.5V to 1.0V
10
10
ns
(6)
TDVCL
Data in Setup Time
30
20
ns
(7)
TCLDX1
Data In Hold Time
10
10
ns
(8)
TR1VCL
RDY Setup Time into 82C84A
(Notes 11, 12)
35
35
ns
(9)
TCLR1X
RDY Hold Time into 82C84A
(Notes 11, 12)
00
ns
(10)
TRYHCH
READY Setup Time into 80C86
118
68
ns
(11)
TCHRYX
READY Hold Time into 80C86
30
20
ns
(12)
TRYLCL
READY Inactive to CLK (Note 13)
-8
-8
ns
(13)
TlNVCH
Setup Time for Recognition (lNTR, NMl,
TEST) (Note 12)
30
15
ns
(14)
TGVCH
RQ/GT Setup Time
30
15
ns
(15)
TCHGX
RQ Hold Time into 80C86 (Note 14)
40
TCHCL +
10
30
TCHCL +
10
ns
(16)
TILlH
Input Rise Time (Except CLK)
From 0.8V to 2.0V
15
15
ns
(17)
TIHIL
Input Fall Time (Except CLK)
From 2.0V to 0.8V
15
15
ns
Timing Responses
(18)
TCLML
Command Active Delay (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
5
35535
ns
(19)
TCLMH
Command Inactive (Note 11)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
5
35535
ns
(20)
TRYHSH
READY Active to Status Passive
(Notes 13, 15)
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
110
65
ns
(21)
TCHSV
Status Active Delay
CL = 100pF for All
80C86 Outputs (In
Addition to 80C86 Self
Load)
10
110
10
60
ns
80C86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com