Electronic Components Datasheet Search
  English  ▼

X  

EL8170FSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL8170FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8170FSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL8170FSZ Datasheet HTML 6Page - Intersil Corporation EL8170FSZ Datasheet HTML 7Page - Intersil Corporation EL8170FSZ Datasheet HTML 8Page - Intersil Corporation EL8170FSZ Datasheet HTML 9Page - Intersil Corporation EL8170FSZ Datasheet HTML 10Page - Intersil Corporation EL8170FSZ Datasheet HTML 11Page - Intersil Corporation EL8170FSZ Datasheet HTML 12Page - Intersil Corporation EL8170FSZ Datasheet HTML 13Page - Intersil Corporation EL8170FSZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN7490.1
March 9, 2006
Description of Operation and Applications
Information
Product Description
The EL8170 and EL8173 are micropower instrumentation
amplifiers (in-amps) which deliver rail-to-rail input
amplification and rail-to-rail output swing on a single 2.9V to
5V supply. The EL8170 and EL8173 also deliver excellent
DC and AC specifications while consuming only 60µA typical
supply current. Because the EL8170 and EL8173 provide an
independent pair of feedback terminals to set the gain and to
adjust output level, these in-amps achieve high common-
mode rejection ratio regardless of the tolerance of the gain
setting resistors. The EL8173 is internally compensated for a
minimum closed loop gain of 10 or greater, well suited for
moderate to high gains. For higher gains, the EL8170 is
internally compensated for a minimum gain of 100. An
ENABLE pin is used to reduce power consumption, typically
2.9µA, while the instrumentation amplifier is disabled.
Input Protection
All input and feedback terminals of the EL8170 and EL8173
have internal ESD protection diodes to both positive and
negative supply rails, limiting the input voltage to within one
diode drop beyond the supply rails. The EL8170 has
additional back-to-back diodes across the input terminals
and also across the feedback terminals. If overdriving the
inputs is necessary, the external input current must never
exceed 5mA. On the other hand, the EL8173 has no clamps
to limit the differential voltage on the input terminals allowing
FIGURE 38. EL8170 AND EL8173 SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 39. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 40. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
23.5
2.5
4.5
70
60
50
40
20
0
SUPPLY VOLTAGE (V)
5.5
30
10
4
35
909mW
θ
JA =
110
°C
/W
SO
8
1.4
1.2
1
0.8
0.6
0.2
0
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
625mW
θ
JA =1
60°
C/W
SO
8
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com