Electronic Components Datasheet Search
  English  ▼

X  

ISL62381 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL62381
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62381 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL62381 Datasheet HTML 15Page - Intersil Corporation ISL62381 Datasheet HTML 16Page - Intersil Corporation ISL62381 Datasheet HTML 17Page - Intersil Corporation ISL62381 Datasheet HTML 18Page - Intersil Corporation ISL62381 Datasheet HTML 19Page - Intersil Corporation ISL62381 Datasheet HTML 20Page - Intersil Corporation ISL62381 Datasheet HTML 21Page - Intersil Corporation ISL62381 Datasheet HTML 22Page - Intersil Corporation ISL62381 Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
FN6665.4
August 7, 2008
ISL62381, ISL62382, ISL62383
Package Outline Drawing
L28.4x4
28 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 9/06
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
NOTES:
1. Controlling dimensions are in mm.
Dimensions in ( ) for reference only.
2. Unless otherwise specified, tolerance : Decimal ±0.05
Angular ±2°
3. Dimensioning and tolerancing conform to AMSE Y14.5M-1994.
4. Bottom side Pin#1 ID is diepad chamfer as shown.
5. Tiebar shown (if present) is a non-functional feature.
PIN 1
INDEX AREA
0 ~ 0 . 05
5
0 . 10
PIN #1 INDEX AREA
CHAMFER 0 . 400 X 45°
2 . 50
A
PACKAGE BOUNDARY
4 . 00
0 . 40
0 . 20 ±0 . 05
0 . 40
0 . 20 REF
0 . 00 - 0 . 05
SEE DETAIL X''
SEATING PLANE
(28X 0 . 60)
(0 . 40)
(28X 0 . 20)
(2 . 50)
(3 . 20)
3 . 20
0 . 4 x 6 = 2 . 40 REF
MAX. 0 . 80
(0 . 40)
B
SIDE VIEW
C
C
0 . 20 REF
0 . 08 C
0 . 10 C
0 . 10 M C A B
2X
14
8
7
1
28
22
21
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com