Electronic Components Datasheet Search
  English  ▼

X  

ISL54500 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54500
Description  1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54500 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54500 Datasheet HTML 1Page - Intersil Corporation ISL54500 Datasheet HTML 2Page - Intersil Corporation ISL54500 Datasheet HTML 3Page - Intersil Corporation ISL54500 Datasheet HTML 4Page - Intersil Corporation ISL54500 Datasheet HTML 5Page - Intersil Corporation ISL54500 Datasheet HTML 6Page - Intersil Corporation ISL54500 Datasheet HTML 7Page - Intersil Corporation ISL54500 Datasheet HTML 8Page - Intersil Corporation ISL54500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6549.2
November 9, 2009
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25
-
0.02
-
µA
Full
-
0.11
-
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
--
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-0.1
0.049
0.1
µA
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Note 10),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 1.8V, ICOM = 10mA, VNO or VNC = 0V
to V+, (Note 14, See Figure 5)
25
-
11.9
12.8
Ω
Full
-
-
13.8
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (See Figure 1)
25
-
70
-
ns
Full
-
130
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (See Figure 1)
25
-
52
-
ns
Full
-
100
-
ns
Break-Before-Make Time Delay,
tD
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (See Figure 3)
Full
-
42
-
ns
Charge Injection, Q
VG = 0, RG = 0Ω, CL = 1.0nF (See Figure 2)
25
-
5.8
-
pC
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1
--
V
NOTES:
10. VIN = input voltage to perform proper function.
11. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
13. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
14. Limits established by characterization and are not production tested.
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V
(Note 10), Unless Otherwise Specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ISL54500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com