Electronic Components Datasheet Search
  English  ▼

X  

2SJ522 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ522
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ522 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ522 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ522 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ522 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ522 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ522
No.7127-2/4
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--400
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
--5
A
Drain Current (Pulse)
IDP
--20
A
Allowable Power Dissipation
PD
1.65
W
Tc=25
°C70
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--10mA, VGS=0
--400
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--320V, VGS=0
--1.0
mA
Gate-to-Sourse Leakage Current
IGSS
VGS=±30V, VDS=0
±100
nA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--2.0
--3.0
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--2.5A
1.3
2.6
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=--2.5A, VGS=--10V
1.5
2.0
Ω
Input Capacitance
Ciss
VDS=--20V, f=1MHz
1500
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
240
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
90
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
25
ns
Rise Time
tr
See specified Test Circuit.
70
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
340
ns
Fall Time
tf
See specified Test Circuit.
150
ns
Diode Forward Voltage
VSD
IS=--5A, VGS=0
-
-1.5
V
Marking : J522
*(Note) Be careful in handling the 2SJ522 because it has no protection diode between gate and source.
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
Ω
G
S
ID= --2.5A
RL=80Ω
VDD= --200V
VOUT
2SJ522
VIN
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com