Electronic Components Datasheet Search
  English  ▼

X  

ISL6535IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6535IBZ
Description  Synchronous Buck Pulse-Width Modulator PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6535IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6535IBZ Datasheet HTML 1Page - Intersil Corporation ISL6535IBZ Datasheet HTML 2Page - Intersil Corporation ISL6535IBZ Datasheet HTML 3Page - Intersil Corporation ISL6535IBZ Datasheet HTML 4Page - Intersil Corporation ISL6535IBZ Datasheet HTML 5Page - Intersil Corporation ISL6535IBZ Datasheet HTML 6Page - Intersil Corporation ISL6535IBZ Datasheet HTML 7Page - Intersil Corporation ISL6535IBZ Datasheet HTML 8Page - Intersil Corporation ISL6535IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
SOFT-START
BOOT
UGATE
GND
FB
AND
FAULT LOGIC
COMP
PGND
LGATE
EA
PWM
PVCC
VCC
GATE
CONTROL
LOGIC
INTERNAL
REGULATOR
OSCILLATOR
RT
30
µA
SSDONE
SS
POWER-ON
RESET (POR)
(QFN ONLY)
REFIN
VREF = 0.597 V
REFERENCE
EN
(QFN ONLY)
OCSET
200
µA
SOURCE OCP
PHASE
6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com