Electronic Components Datasheet Search
  English  ▼

X  

ISL54501 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL54501
Description  1.8V to 5.5V, 5OHM, Single SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54501 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL54501 Datasheet HTML 5Page - Intersil Corporation ISL54501 Datasheet HTML 6Page - Intersil Corporation ISL54501 Datasheet HTML 7Page - Intersil Corporation ISL54501 Datasheet HTML 8Page - Intersil Corporation ISL54501 Datasheet HTML 9Page - Intersil Corporation ISL54501 Datasheet HTML 10Page - Intersil Corporation ISL54501 Datasheet HTML 11Page - Intersil Corporation ISL54501 Datasheet HTML 12Page - Intersil Corporation ISL54501 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications
at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6550.2
October 26, 2009
For additional products, see www.intersil.com/product_tree
ISL54501, ISL54502
SOT-23 Package Family
e1
N
A
D
E
4
3
2
1
E1
0.15
D
C
2X
0.20 C
2X
e
B
0.20 M
D
C A-B
b
NX
6
2
3
5
SEATING
PLANE
0.10 C
NX
1
3
C
D
0.15
A-B
C
2X
A2
A1
H
c
(L1)
L
0.25
0° +3°
-0°
GAUGE
PLANE
A
MDP0038
SOT-23 PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
SOT23-5
SOT23-6
A
1.45
1.45
MAX
A1
0.10
0.10
±0.05
A2
1.14
1.14
±0.15
b
0.40
0.40
±0.05
c
0.14
0.14
±0.06
D
2.90
2.90
Basic
E
2.80
2.80
Basic
E1
1.60
1.60
Basic
e
0.95
0.95
Basic
e1
1.90
1.90
Basic
L
0.45
0.45
±0.10
L1
0.60
0.60
Reference
N
5
6
Reference
Rev. F 2/07
NOTES:
1. Plastic or metal protrusions of 0.25mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are not
included.
3. This dimension is measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Index area - Pin #1 I.D. will be located within the indicated zone
(SOT23-6 only).
6. SOT23-5 version has no center lead (shown as a dashed line).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com