Electronic Components Datasheet Search
  English  ▼

X  

B32508 Datasheet(PDF) 17 Page - EPCOS

Part # B32508
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32508 Datasheet(HTML) 17 Page - EPCOS

Back Button B32508 Datasheet HTML 13Page - EPCOS B32508 Datasheet HTML 14Page - EPCOS B32508 Datasheet HTML 15Page - EPCOS B32508 Datasheet HTML 16Page - EPCOS B32508 Datasheet HTML 17Page - EPCOS B32508 Datasheet HTML 18Page - EPCOS B32508 Datasheet HTML 19Page - EPCOS B32508 Datasheet HTML 20Page - EPCOS B32508 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
63
40
3.3
6.0
× 15.0 × 26.5 B32523R0335+*** 2720
2800
2880
4.7
6.0
× 15.0 × 26.5 B32523R0475+*** 2720
2800
2880
6.8
6.0
× 15.0 × 26.5 B32523R0685+*** 2720
2800
2880
10
7.0
× 16.0 × 26.5 B32523R0106+*** 2320
2400
2520
15
10.5
× 16.5 × 26.5 B32523R0156+*** 1560
1600
2160
22
12.0
× 22.0 × 26.5 B32523R0226+***
1800
100
63
1.5
6.0
× 15.0 × 26.5 B32523Q1155+*** 2720
2800
2880
2.2
6.0
× 15.0 × 26.5 B32523Q1225+*** 2720
2800
2880
3.3
6.0
× 15.0 × 26.5 B32523Q1335+*** 2720
2800
2880
4.7
7.0
× 16.0 × 26.5 B32523Q1475+*** 2320
2400
2540
6.8
8.5
× 16.5 × 26.5 B32523Q1685+*** 1960
2000
2040
10
10.5
× 16.5 × 26.5 B32523Q1106+*** 1560
1600
2160
15
12.0
× 22.0 × 26.5 B32523Q1156+***
1800
250
160
0.47
6.0
× 15.0 × 26.5 B32523Q3474+*** 2720
2800
2880
0.68
6.0
× 15.0 × 26.5 B32523Q3684+*** 2720
2800
2880
1.0
6.0
× 15.0 × 26.5 B32523Q3105+*** 2720
2800
2880
1.5
7.0
× 16.0 × 26.5 B32523Q3155+*** 2320
2400
2520
2.2
10.5
× 16.5 × 26.5 B32523Q3225+*** 1560
1600
2160
3.3
11.0
× 20.5 × 26.5 B32523Q3335+*** 1480
1400
2040
400
200
0.22
6.0
× 15.0 × 26.5 B32523Q6224+*** 2720
2800
2880
0.33
6.0
× 15.0 × 26.5 B32523Q6334+*** 2720
2800
2880
0.47
7.0
× 16.0 × 26.5 B32523Q6474+*** 2320
2400
2520
0.68
8.5
× 16.5 × 26.5 B32523Q6684+*** 1920
2000
2040
1.0
10.5
× 16.5 × 26.5 B32523Q6105+*** 1560
1600
2160
1.5
11.0
× 20.5 × 26.5 B32523Q6155+*** 1480
1400
2040
630
200
0.10
6.0
× 15.0 × 26.5 B32523Q8104+*** 2720
2800
2880
0.15
6.0
× 15.0 × 26.5 B32523Q8154+*** 2720
2800
2880
0.22
7.0
× 16.0 × 26.5 B32523Q8224+*** 2320
2400
2520
0.33 10.5
× 16.5 × 26.5 B32523Q8334+*** 1560
1600
2160
0.47 10.5
× 20.5 × 26.5 B32523Q8474+*** 1560
1600
2160
0.68 12.0
× 22.0 × 26.5 B32523Q8684+***
1800
B32523
General purpose (wound)
Page 17 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com