Electronic Components Datasheet Search
  English  ▼

X  

EL7154CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7154CS
Description  High Speed, Monolithic Pin Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7154CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL7154CS Datasheet HTML 1Page - Intersil Corporation EL7154CS Datasheet HTML 2Page - Intersil Corporation EL7154CS Datasheet HTML 3Page - Intersil Corporation EL7154CS Datasheet HTML 4Page - Intersil Corporation EL7154CS Datasheet HTML 5Page - Intersil Corporation EL7154CS Datasheet HTML 6Page - Intersil Corporation EL7154CS Datasheet HTML 7Page - Intersil Corporation EL7154CS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7278.2
EL7154
High Speed, Monolithic Pin Driver
The EL7154 three-state pin driver is particularly well suited
for ATE and level shifting applications. The 4A peak drive
capability, makes the EL7154 an excellent choice when
driving high speed capacitive lines.
The P-Channel MOSFET is completely isolated from the
power supply, providing a high degree of flexibility. Pin (7)
can be grounded, and the output can be taken from pin (8)
when a “source follower” output is desired. The N-Channel
MOSFET has an isolated drain, but shares a common bus
with pre-drivers and level shifter circuits. This is necessary to
ensure that the N-Channel device can turn off effectively
when VL goes below GND. In some power-FET and IGBT
applications, negative drive is desirable to insure effective
turn-off. The EL7154 can be used in these applications by
returning VL to a moderate negative potential.
Pinout
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047,
#5,352,578, #5,352,389, #5,351,012, #5,374,898
Features
• Comparatively low cost
• Three-State output
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
• 4A Peak drive
• Isolated drains
• Low output impedance: 2.5
Ω
• Low quiescent current: 5mA
• Wide operating voltage: 4.5V to16V
• Isolated P-Channel device
• Separate ground and VL pins
• Pb-free plus anneal available (RoHS compliant)
Applications
• Loaded circuit board testers
• Digital testers
• Level shifting below GND
•IGBT drivers
• CCD drivers
Truth Table
THREE-STATE
INPUT
POUT
NOUT
0
0
Open
Open
0
1
Open
Open
1
0
HIGH
Open
1
1
Open
LOW
VL
EL7154
(8 LD PDIP, 8 LD SOIC)
TOP VIEW
1
2
3
45
6
7
8
LEVEL
SHIFT
AND
LOGIC
VDD
THREE-STATE
INPUT
GND
VL
VL
NOUT
POUT
VH
Data Sheet
March 8, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1996, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7154CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7154CS INTERSIL-EL7154CS Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CS-T13 INTERSIL-EL7154CS-T13 Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CS-T7 INTERSIL-EL7154CS-T7 Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CSZ INTERSIL-EL7154CSZ Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Renesas Technology Corp
EL7154CSZ RENESAS-EL7154CSZ Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
More results

Similar Description - EL7154CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
800MHz Monolithic Pin Driver
September 1998
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
Monolithic High-Speed Pin Driver
March 1993
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
Monolithic Pin Driver
November 1993
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com