Electronic Components Datasheet Search
  English  ▼

X  

EL4585CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4585CS
Description  Horizontal Genlock, 8FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4585CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4585CS Datasheet HTML 5Page - Intersil Corporation EL4585CS Datasheet HTML 6Page - Intersil Corporation EL4585CS Datasheet HTML 7Page - Intersil Corporation EL4585CS Datasheet HTML 8Page - Intersil Corporation EL4585CS Datasheet HTML 9Page - Intersil Corporation EL4585CS Datasheet HTML 10Page - Intersil Corporation EL4585CS Datasheet HTML 11Page - Intersil Corporation EL4585CS Datasheet HTML 12Page - Intersil Corporation EL4585CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7175.4
September 3, 2009
positive when EXT DIV lags HSYNC.) The resistance needed
will depend on VCO design or VCXO module selection.
Applications Information
Choosing External Components
1. To choose LC VCO components, first pick the desired
operating frequency. For our example we will use
28.636MHz, with an HSYNC frequency of 15.734kHz.
2. Choose a reasonable inductor value (1µ to 5µH works
well). We choose 3.3µH.
3. Calculate CT needed to produce FOSC.
4. From the varactor data sheet find CV @ 2.5V, the desired
lock voltage. CV=23pF for our SMV1204-12 for example.
5. C2 should be about 10CV, so we choose C2=220pF for
our example.
6. Calculate C1. Since:
then:
For our example, C1=17pF. (A trim capacitor may be used
for fine tuning.) Examples for each frequency using the
internal divider is shown in Figure 8.
Typical Application
Horizontal genlock provides clock for an analog-to-digital
converter, digitizing analog video.
The oscillators are arranged as Colpitts oscillators
(see Figure 8), and the structure is redrawn here to emphasize
the split capacitance used in a Colpitts oscillator. It should be
noted that this oscillator configuration is just one of literally
hundreds possible, and the configuration shown here does not
necessarily represent the best solution for all applications.
Crystal manufacturers are very informative sources on the
design and use of oscillators in a wide variety of applications,
and the reader is encouraged to become familiar with them.
LC VCO COMPONENT VALUES (APPROXIMATE) (Note)
FREQUENCY
(MHz)
L1
(µH)
C1
(pF)
C2
(pF)
26.602
3.3
22
220
27.0
3.3
21
220
29.5
2.7
22
220
35.468
2.2
16
220
21.476
4.7
26
220
24.546
3.9
22
220
28.636
3.3
17
220
NOTE: Use shielded inductors for optimum performance.
F
OSC
1
2
π LC
T
-----------------------
=
C
T
1
4
π
2
F
2
L
---------------------
1
4
π
2
28.636e6
2
() 3.3e 6
–
()
-----------------------------------------------------------------------
9.4pF
==
=
(EQ. 1)
C
T
C
1C2CV
C
1 C2
()
C
1CV
()
C
2CV
()
++
--------------------------------------------------------------------------
=
(EQ. 2)
C
1
C
2CT CV
C
2CV
()
C
2CT
()
–
C
TCV
()
–
--------------------------------------------------------------------------
=
(EQ. 3)
FIGURE 8.
TYPICAL LC VCO
XTAL VCO COMPONENT VALUES (APPROXIMATE)
FREQUENCY
(MHz)
R1
(k
Ω)
C1
(pF)
C2
(µF)
26.602
300
15
0.001
27.0
300
15
0.001
29.5
300
15
0.001
35.468
300
15
0.001
21.476
300
15
0.001
24.546
300
15
0.001
28.636
300
15
0.001
FIGURE 9.
TYPICAL XTAL VCO
EL4585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com