Electronic Components Datasheet Search
  English  ▼

X  

EL7156CSZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7156CSZ
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CSZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL7156CSZ Datasheet HTML 1Page - Intersil Corporation EL7156CSZ Datasheet HTML 2Page - Intersil Corporation EL7156CSZ Datasheet HTML 3Page - Intersil Corporation EL7156CSZ Datasheet HTML 4Page - Intersil Corporation EL7156CSZ Datasheet HTML 5Page - Intersil Corporation EL7156CSZ Datasheet HTML 6Page - Intersil Corporation EL7156CSZ Datasheet HTML 7Page - Intersil Corporation EL7156CSZ Datasheet HTML 8Page - Intersil Corporation EL7156CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Typical Performance Curves
FIGURE 1. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. INPUT THRESHOLD vs SUPPLY VOLTAGE
FIGURE 3. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 4. “ON” RESISTANCE vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 6. RISE/FALL TIME vs TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
25
100
75
050
0.2
1
0.6
0.4
0.8
125
150
0
PDIP8
SO8
Max TJ=125°C
θJA=100°C/W
θJA=160°C/W
85
T=25°C
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
15
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
T=25°C
15
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = GND
ALL INPUTS = VS+
IOUT=200mA, T=25°C, VS+=VH, VS-=VL=0V
SUPPLY VOLTAGE (V)
7.5
15
12.5
510
1
0
6
5
2
4
3
VOUT-VL
VOUT-VH
CL=2000pF, T=25°C
15
20
SUPPLY VOLTAGE (V)
10
30
510
25
15
tR
tI
tR
tF
CL=2000pF, VS+=15V
150
14
TEMPERATURE (°C)
10
100
20
-50
50
16
18
12
0
tF
tR
EL7156



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com