Electronic Components Datasheet Search
  English  ▼

X  

EL7242CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7242CSZ
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7242CSZ Datasheet(HTML) 6 Page - Intersil Corporation

  EL7242CSZ Datasheet HTML 1Page - Intersil Corporation EL7242CSZ Datasheet HTML 2Page - Intersil Corporation EL7242CSZ Datasheet HTML 3Page - Intersil Corporation EL7242CSZ Datasheet HTML 4Page - Intersil Corporation EL7242CSZ Datasheet HTML 5Page - Intersil Corporation EL7242CSZ Datasheet HTML 6Page - Intersil Corporation EL7242CSZ Datasheet HTML 7Page - Intersil Corporation EL7242CSZ Datasheet HTML 8Page - Intersil Corporation EL7242CSZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN7285.4
July 29, 2009
FIGURE 7. AVERAGE SUPPLY CURRENT vs VOLTAGE AND
FREQUENCY
FIGURE 8. AVERAGE SUPPLY CURRENT vs CAPACITIVE
LOAD
FIGURE 9. RISE/FALL TIME vs LOAD
FIGURE 10. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 11. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 12. RISE/FALL TIME vs TEMPERATURE
Typical Performance Curves (Continued)
10k
100k
1M
10M
0.1
1
10
100
FREQUENCY (Hz)
CL = 1000pF
VDD = +15V
VDD = +10V
VDD = +5V
10k
100k
1M
10M
0.1
1
10
100
FREQUENCY (Hz)
10,000pF
VDD = 10V
1000pF
NO LOAD
100pF
(EQUIVALENT INTERNAL
CAPACITANCE = 470pF)
100
1000
10,000
LOAD CAPACITANCE (pF)
VDD = 10V
20
60
80
100
40
tF
tR
100
1000
10,000
LOAD CAPACITANCE (pF)
VDD = 10V
20
60
80
100
40
tF
tR
0
10
20
30
5
7.5
10
12.5
15
SUPPLY VOLTAGE (V)
tR
tF
CL = 1000pF
0
10
20
30
5
7.5
10
12.5
15
SUPPLY VOLTAGE (V)
CL = 1000pF
40
tD1
tD2
0
10
20
30
-50
-25
0
255075
100
125
TEMPERATURE (°C)
CL = 1000pF
VDD = 10V
tR
tF
EL7242, EL7252



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com