Electronic Components Datasheet Search
  English  ▼

X  

ISL9021 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9021
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9021 Datasheet HTML 1Page - Intersil Corporation ISL9021 Datasheet HTML 2Page - Intersil Corporation ISL9021 Datasheet HTML 3Page - Intersil Corporation ISL9021 Datasheet HTML 4Page - Intersil Corporation ISL9021 Datasheet HTML 5Page - Intersil Corporation ISL9021 Datasheet HTML 6Page - Intersil Corporation ISL9021 Datasheet HTML 7Page - Intersil Corporation ISL9021 Datasheet HTML 8Page - Intersil Corporation ISL9021 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6867.1
ISL9021
250mA Single LDO with Low IQ, Low
Noise and High PSRR LDO
The ISL9021 is a single LDO providing high performance
low input voltage, high PSRR. It delivers guaranteed
continuous 250mA load current and is stable with 1µF to
4.7µF of output capacitance (±30%) with an ESR range of
5m
Ω to 400mΩ.
The input voltage range for the ISL9021 is between 1.5V to
5.5V and the output voltage comes in many fixed voltage
options with ±1.8% accuracy over temperature, line and load
ranges. Other output voltage within the range of 0.9V to 3.3V
may be available upon request. The ISL9021 has typical
PSRR of 75dB @ 10kHz and 50dB @ 1MHz.
The reverse current protection feature prevents current from
flowing back to the power source when the output voltage is
pulled higher than the input.
The ISL9021 is offered in tiny 4-bump 1.155mmx0.975mm
WLCSP and 1.6mmx1.6mm 6 Ld µTDFN packages.
Pinouts
ISL9021
(6 LD 1.6x1.6 µTDFN)
TOP VIEW
ISL9021
(4 BALL 1.155x0.975 WLCSP)
TOP VIEW
Features
• High Performance LDO with 250mA guaranteed
continuous output current
• Input Voltage Range: 1.5V to 5.5V
• Output Voltage Range: 0.9V to 3.3V
• High PSRR: 75dB @ 10kHz, 50dB @ 1MHz
• Low Quiescent Current: 35µA
• Dropout Voltage: <150mV @ 250mA
• Stable with 1µF to 4.7µF Output Capacitance (±30%) with
an ESR range of 5m
Ω to 400mΩ
• ±1.8% Output Accuracy Over-Temperature/Load/Line
• Soft-start Limits Input Current Surge During Enable
• Current Limit and Overheat Protection
• -40°C to +85°C Operating Temperature Range
• Available in 1.155mmx0.975mm 4-bump WLCSP
Package and 1.6mmx1.6mm 6 Ld µTDFN
• Pb-free (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds
1
2
3
4
5
6
VIN
GND
NC
VO
NC
EN
VIN
EN
GND
VOUT
A1
B1
A2
B2
Datasheet
June 12, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021 INTERSIL-ISL9021 Datasheet
265Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com