Electronic Components Datasheet Search
  English  ▼

X  

2SJ591 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ591
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ591 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ591 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ591 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ591 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ591 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ591LS
No.7150-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--20V, f=1MHz
3100
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
640
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
200
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
24
ns
Rise Time
tr
See specified Test Circuit.
140
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
270
ns
Fall Time
tf
See specified Test Circuit.
140
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--28A
92
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--28A
12
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--28A
26
nC
Diode Forward Voltage
VSD
IS=--28A, VGS=0
--0.92
--1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
Ω
G
S
ID= --14A
RL=2.14Ω
VDD= --30V
VOUT
2SJ591LS
VIN
D
0
10
20
30
40
50
60
70
80
--60
--40
--20
20
040
80
60
100
120
140
RDS(on) -- VGS
IT04161
IT04159
ID -- VDS
0
--0.6
--0.8
--1.4
--2.0
--0.4
--1.2
--1.8
--0.2
--1.0
--1.6
0
--5
--10
--15
--20
--25
--30
IT04160
0
--0.5
--1.5
--1.0
--2.5
--2.0
--3.5
--3.0
--4.5
--4.0
--5.0
0
--5
--10
--15
--20
--25
--30
--35
ID -- VGS
IT04162
RDS(on) -- Tc
0
--2
--4
--8
--6
--10
--14
--12
--16
--18
--20
VDS= --10V
--3.0V
--4.0V
--3.5V
VGS= --2.5V
ID=
--14A,
VGS
= --10V
I D
= --14A,
V GS
= --4V
0
10
20
30
40
50
60
70
80
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Tc=25
°C
ID= --14A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com