Electronic Components Datasheet Search
  English  ▼

X  

EP3C10 Datasheet(PDF) 16 Page - Altera Corporation

Part # EP3C10
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C10 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EP3C10 Datasheet HTML 12Page - Altera Corporation EP3C10 Datasheet HTML 13Page - Altera Corporation EP3C10 Datasheet HTML 14Page - Altera Corporation EP3C10 Datasheet HTML 15Page - Altera Corporation EP3C10 Datasheet HTML 16Page - Altera Corporation EP3C10 Datasheet HTML 17Page - Altera Corporation EP3C10 Datasheet HTML 18Page - Altera Corporation EP3C10 Datasheet HTML 19Page - Altera Corporation EP3C10 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
1–16
Chapter 1: Cyclone III Device Data Sheet
Switching Characteristics
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
f
OUT (to global clock)
PLL output frequency (–6 speed grade)
—
—
472.5
MHz
PLL output frequency (–7 speed grade)
—
—
450
MHz
PLL output frequency (–8 speed grade)
—
—
402.5
MHz
t
OUTDUTY
Duty cycle for external clock output (when set to 50%)
45
50
55
%
t
LOCK
Time required to lock from end of device configuration
—
—
1
ms
t
DLOCK
Time required to lock dynamically (after switchover,
reconfiguring any non-post-scale counters/delays or
areset is deasserted)
——
1
ms
t
OUTJITTER_PERIOD_DEDC LK (5)
Dedicated clock output period jitter
F
OUT
≥ 100 MHz
——
300
ps
F
OUT < 100 MHz
——30
mUI
t
OUTJITTER_CCJ _DEDCLK (5)
Dedicated clock output cycle-to-cycle jitter
F
OUT
≥ 100 MHz
——
300
ps
F
OUT < 100 MHz
——30
mUI
t
OUTJITTER_PERIOD_IO (5)
Regular I/O period jitter
F
OUT
≥ 100 MHz
——
650
ps
F
OUT < 100 MHz
——75
mUI
t
OUTJITTER_CCJ _IO (5)
Regular I/O cycle-to-cycle jitter
F
OUT
≥ 100 MHz
——
650
ps
F
OUT < 100 MHz
——75
mUI
t
PLL_PSERR
Accuracy of PLL phase shift
—
—
±50
ps
t
ARESET
Minimum pulse width on areset signal.
10
—
—
ns
t
CONF IGPLL
Time required to reconfigure scan chains for PLLs
—
3.5 (6)
—
SCANCLK
cycles
f
SC ANC LK
scanclk
frequency
—
—
100
MHz
Notes to Table 1–20:
(1) VCCD_PLL should always be connected to VCCINT through decoupling capacitor and ferrite bead.
(2) This parameter is limited in the Quartus II software by the I/O maximum frequency. The maximum I/O frequency is different for each I/O standard.
(3) The VCO frequency reported by the Quartus II software in the PLL summary section of the compilation report takes into consideration the VCO post-scale
counter K value. Therefore, if the counter K has a value of 2, the frequency reported can be lower than the fVCO specification.
(4) A high input jitter directly affects the PLL output jitter. To have low PLL output clock jitter, you must provide a clean clock source, which is less than 200 ps.
(5) Peak-to-peak jitter with a probability level of 10–12 (14 sigma, 99.99999999974404% confidence level). The output jitter specification applies to the intrinsic
jitter of the PLL, when an input jitter of 30 ps is applied.
(6) With 100 MHz scanclk frequency.
Table 1–20. Cyclone III Devices PLL Specifications (Note 1)
(Part 2 of 2)
Symbol
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com