Electronic Components Datasheet Search
  English  ▼

X  

EPCS128 Datasheet(PDF) 32 Page - Altera Corporation

Part # EPCS128
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS128 Datasheet(HTML) 32 Page - Altera Corporation

Back Button EPCS128 Datasheet HTML 28Page - Altera Corporation EPCS128 Datasheet HTML 29Page - Altera Corporation EPCS128 Datasheet HTML 30Page - Altera Corporation EPCS128 Datasheet HTML 31Page - Altera Corporation EPCS128 Datasheet HTML 32Page - Altera Corporation EPCS128 Datasheet HTML 33Page - Altera Corporation EPCS128 Datasheet HTML 34Page - Altera Corporation EPCS128 Datasheet HTML 35Page - Altera Corporation EPCS128 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
3–32
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Operating Conditions
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Table 3–20. DC Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage for EPCS1,
EPCS4, and EPCS16
—0.6 x VCC
VCC + 0.4
V
High-level input voltage for EPCS64
and EPCS128
—0.6 x VCC
VCC + 0.2
V
VIL
Low-level input voltage
—
–0.5
0.3 x VCC
V
VOH
High-level output voltage
IOH = –100 A (3)
VCC – 0.2
—
V
VOL
Low-level output voltage
IOL = 1.6 mA (3)
—0.4
V
II
Input leakage current
VI = VCC or GND
–10
10
A
IOZ
Tri-state output off-state current
VO = VCC or GND
–10
10
A
Table 3–21. I
CC Supply Current
Symbol
Parameter
Conditions
Min
Max
Unit
ICC0
VCC supply current (standby)
for EPCS1, EPCS4, and EPCS16
——
50
A
VCC supply current (standby)
for EPCS64 and EPCS128
—
—
100
A
ICC1
VCC supply current (during active power mode) for
EPCS1, EPCS4, and EPCS16
—5
15
mA
VCC supply current (during active power mode) for
EPCS64 and EPCS128
—5
20
mA
Table 3–22. Capacitance (Note 4)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input pin capacitance
VIN = 0 V
—
6
pF
COUT
Output pin capacitance
VOUT = 0 V
—
8
pF
Notes to Table 3–18 through Table 3–22:
(1) For more information, refer to the Operating Requirements for Altera Devices Data Sheet.
(2) Maximum VCC rise time is 100 ms.
(3) The IOH parameter refers to high-level TTL or CMOS output current; the I OL parameter refers to low-level TTL or CMOS output current.
(4) Capacitance is sample-tested only at TA = 25 ×C and at a 20-MHz frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com