Electronic Components Datasheet Search
  English  ▼

X  

B32560 Datasheet(PDF) 5 Page - EPCOS

Part # B32560
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32560 Datasheet(HTML) 5 Page - EPCOS

  B32560_09 Datasheet HTML 1Page - EPCOS B32560_09 Datasheet HTML 2Page - EPCOS B32560_09 Datasheet HTML 3Page - EPCOS B32560_09 Datasheet HTML 4Page - EPCOS B32560_09 Datasheet HTML 5Page - EPCOS B32560_09 Datasheet HTML 6Page - EPCOS B32560_09 Datasheet HTML 7Page - EPCOS B32560_09 Datasheet HTML 8Page - EPCOS B32560_09 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Ordering codes and packing units (lead spacing 7.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Special dimensions available on request.
For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 5
1 mm)
63
40
1.0
4.0
× 6.8 × 9.0
B32560J0105+***
8800
7200
4000
1.5
5.1
× 7.6 × 9.0
B32560J0155+***
6800
5600
2000
2.2
6.5
× 8.2 × 9.0
B32560J0225+***
6000
4800
2000
3.3
8.5
× 9.1 × 9.0
B32560J0335+000
1400
4.7
9.8
× 11.0 × 9.0
B32560J0475+000
1000
100
63
0.22
2.5
× 5.1 × 9.0
B32560J1224+***
12400
10000
7600
0.33
2.7
× 5.7 × 9.0
B32560J1334+***
12000
9600
6000
0.47
3.4
× 6.1 × 9.0
B32560J1474+***
9600
8000
4800
0.68
4.2
× 6.5 × 9.0
B32560J1684+***
8000
6400
3600
1.0
5.5
× 7.0 × 9.0
B32560J1105+***
6000
4800
2000
1.5
6.7
× 8.2 × 9.0
B32560J1155+***
5000
4000
1600
2.2
8.5
× 9.2 × 9.0
B32560J1225+000
1200
3.3
9.5
× 11.0 × 9.0
B32560J1335+000
800
250 160
0.047
2.5
× 5.2 × 9.0
B32560J3473+***
13000
10400
7600
0.068
2.6
× 5.7 × 9.0
B32560J3683+***
12400
10000
6800
0.10
3.2
× 6.1 × 9.0
B32560J3104+***
12400
8000
4800
0.15
3.9
× 7.0 × 9.0
B32560J3154+***
8200
6800
3600
0.22
4.9
× 7.5 × 9.0
B32560J3224+***
6800
5200
2600
0.33
6.4
× 8.2 × 9.0
B32560J3334+***
5200
4400
1800
0.47
7.4
× 9.8 × 9.0
B32560J3474+000
1200
0.68
9.5
× 11.0 × 9.0
B32560J3684+000
800
B32560
General purpose (stacked) SilverCapTM
Page 5 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com