Electronic Components Datasheet Search
  English  ▼

X  

B65661 Datasheet(PDF) 3 Page - EPCOS

Part # B65661
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65661 Datasheet(HTML) 3 Page - EPCOS

  B65661 Datasheet HTML 1Page - EPCOS B65661 Datasheet HTML 2Page - EPCOS B65661 Datasheet HTML 3Page - EPCOS B65661 Datasheet HTML 4Page - EPCOS B65661 Datasheet HTML 5Page - EPCOS B65661 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
10/09
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Standard:
to IEC 60133
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0® E45329 (M), GE PLASTICS B V
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Insulating washer between core and coil former
■
For tolerance compensation and for insulation
■
Polycarbonate spring washer (UL 94 V-0, insulation class to IEC 60085: E
120 °C), 0.08 mm thick
Aryphan F685, E167358 (M), natural color, LOFO HIGH TECH FILM GMBH
Coil former
Insulating washer
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

1
23.4
44
67
B65662B0000T001
Insulating washer (reel packing, PU = 1 reel)
B65662A5000X000
0.6
9 _0.15
AN
FPK0352-H
(preliminary data)
B65662
Accessories
P 22
 13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com