Electronic Components Datasheet Search
  English  ▼

X  

R2906 Datasheet(PDF) 3 Page - EPCOS

Part # R2906
Description  SAW Components SAW resonator Short range devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R2906 Datasheet(HTML) 3 Page - EPCOS

  R2906 Datasheet HTML 1Page - EPCOS R2906 Datasheet HTML 2Page - EPCOS R2906 Datasheet HTML 3Page - EPCOS R2906 Datasheet HTML 4Page - EPCOS R2906 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
January 27, 2010
R2906
915.00 MHz
SAW Components
SAW resonator
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
914.75
915.00
915.25
MHz
Minimum insertion attenuation
α
min
—
7.5
8.5
dB
Phase at fc
ϕ
—
124
—
˚ el.
Loaded quality factor
QL
2500
2900
—
Unloaded quality factor
QU
4200
4700
—
Ageing of fC
—
—
–50/+50
ppm
Equivalent circuit elements
Motional capacitance
C1
—
0.311
—
fF
Motional inductance
L1
—
97.15
—
µH
Motional resistance
R1
—
109
—
Ω
Parallel capacitance
C0
—
1.8
—
pF
Temperature coefficient of frequency1)
1) Temperature dependence of f
C: fC(TA) = fC(T0) (1 + TCf (TA – T0)
2)
TCf
—
–0.032
—
ppm/K2
Turnover temperature
T0
30—60
˚C
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
12
V
Source power
PS
0
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com