Electronic Components Datasheet Search
  English  ▼

X  

T20-A250X Datasheet(PDF) 2 Page - EPCOS

Part # T20-A250X
Description  SURGE ARRESTER 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T20-A250X Datasheet(HTML) 2 Page - EPCOS

  T20-A250X Datasheet HTML 1Page - EPCOS T20-A250X Datasheet HTML 2Page - EPCOS T20-A250X Datasheet HTML 3Page - EPCOS T20-A250X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X8810C203
3-electrode arrester
T20-A250X
KB AB E / KB AB PM
Issue 05 / 2007-10-18
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Standard size
Extremely fast response time
Very high current rating
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
Line protection
Station protection
Base stations
Electrical specifications
DC spark-over voltage
1) 2) 4)
250
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 500
< 400
< 600
< 550
V
V
V
V
Service life
10 operations
50 Hz; 1 s
5)
10
A
1 operation
50 Hz; 0.18 s (9 cycles)
5)
50
A
10 operations [5x (+) & 5x (-)]
8/20 µs
5)
20
kA
10 operations
8/20 µs
6)
20
kA
1 operation
8/20 µs
5)
25
kA
1 operation
10/350 µs
5)
5
kA
300 operations
10/1000 µs
5)
200
A
Insulation resistance at 100 Vdc
4)
> 10
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 35
~ 1
~ 200
V
A
V
Weight
~ 2
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
250 YY O
250
- Nominal voltage
YY
- Year of production
O
- Non radioactive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com