Electronic Components Datasheet Search
  English  ▼

X  

LM48556 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48556
Description  Fully Differential, Mono, Ceramic Speaker Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48556 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM48556 Datasheet HTML 8Page - National Semiconductor (TI) LM48556 Datasheet HTML 9Page - National Semiconductor (TI) LM48556 Datasheet HTML 10Page - National Semiconductor (TI) LM48556 Datasheet HTML 11Page - National Semiconductor (TI) LM48556 Datasheet HTML 12Page - National Semiconductor (TI) LM48556 Datasheet HTML 13Page - National Semiconductor (TI) LM48556 Datasheet HTML 14Page - National Semiconductor (TI) LM48556 Datasheet HTML 15Page - National Semiconductor (TI) LM48556 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
f = 1 / 2
πR
INCIN
(Hz)
(3)
Where the value of R
IN is determined by equation (1) in the
Gain Setting Resistor Selection section.
When the LM48556 is using a single-ended source, power
supply noise on the ground is seen as an input signal. Setting
the high-pass filter point above the power supply noise fre-
quencies, 217Hz in a GSM phone, for example, filters out the
noise such that it is not amplified and heard on the output.
Capacitors with a tolerance of 1% or better are recommended
for impedance matching and improved CMRR and PSRR.
SINGLE-ENDED AUDIO AMPLIFIER CONFIGURATION
The LM48556 is compatible with single-ended sources. Fig-
ure 2 shows the typical single-ended applications circuit. In
30057286
FIGURE 2. Single-Ended Input Configuration
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com