Electronic Components Datasheet Search
  English  ▼

X  

LM4549B Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4549B
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549B Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM4549B Datasheet HTML 19Page - National Semiconductor (TI) LM4549B Datasheet HTML 20Page - National Semiconductor (TI) LM4549B Datasheet HTML 21Page - National Semiconductor (TI) LM4549B Datasheet HTML 22Page - National Semiconductor (TI) LM4549B Datasheet HTML 23Page - National Semiconductor (TI) LM4549B Datasheet HTML 24Page - National Semiconductor (TI) LM4549B Datasheet HTML 25Page - National Semiconductor (TI) LM4549B Datasheet HTML 26Page - National Semiconductor (TI) LM4549B Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Register Descriptions (Continued)
SR2:SR0
Source for Right Channel ADC
6
Mono Mix
7
PHONE input
Default: 0000h
RECORD GAIN REGISTER (1Ch)
This register controls the input levels for both channels of the
stereo ADC. The inputs come from the Record Select Mux
and are selected via the Record Select Control register, 1Ah.
The gain of each channel can be individually programmed
from 0dB to +22.5 dB in 1.5 dB steps. Both channels can
also be muted by setting the MSB to 1.
Record Gain Register (1Ch)
Mute
Gx3:Gx0
Function
0
1111
22.5 dB gain
0
0000
0 dB gain
1
XXXX
*mute
Default: 8000h
GENERAL PURPOSE REGISTER (20h)
This register controls many miscellaneous functions imple-
mented on the LM4549B. The miscellaneous control bits
include POP which allows the DAC output to bypass the
National 3D Sound circuitry, 3D which enables or disables
the National 3D Sound circuitry, MIX which selects the MO-
NO_OUT source, MS which controls the Microphone Selec-
tion mux and LPBK which connects the output of the stereo
ADC to the input of the stereo DAC. LPBK provides a
mixed-mode analog and digital loopback path between ana-
log inputs and analog outputs. This is an 18 bit digital loop-
back at 48 kHz, bypassing the SRC logic, even if a sample
rate other than 48 kHz is selected.
BIT
Function
POP
PCM Out Path:
*0 = 3D allowed
1 = 3D bypassed
3D
National 3D Sound:
*0 = off
1= on
MIX
Mono output select:
*0 = Mix
1 = Mic
MS
Mic select:
*0 = MIC1
1 = MIC2
LPBK
ADC/DAC Loopback:
*0 = No Loopback
1 = Loopback
Default: 0000h
3D CONTROL REGISTER (22h)
This read-only (0101h) register indicates, in accordance with
the AC ’97 Rev 2.1 Specification, the fixed depth and center
characteristics of the National 3D Sound stereo enhance-
ment.
POWERDOWN CONTROL / STATUS REGISTER (26h)
This read/write register is used both to monitor subsystem
readiness and also to program the LM4549B powerdown
states. The 4 LSBs indicate status and 7 of the 8 MSBs
control powerdown.
The 4 LSBs of this register indicate the status of the 4 audio
subsections of the codec: Reference voltage, Analog mixers
and amplifiers, DAC section, ADC section. When the "Codec
Ready" indicator bit in the AC Link Input Frame (SDATA_IN:
slot 0, bit 15) is a "1", it indicates that the AC Link and AC ’97
registers are in a fully operational state and that control and
status information can be transferred. It does NOT indicate
that the codec is ready to send or receive audio PCM data or
to pass signals through the analog I/O and mixers. To deter-
mine that readiness, the Controller must check that the 4
LSBs of this register are set to “1” indicating that the appro-
priate audio subsections are ready.
The powerdown bits PR0 – PR5 control internal subsections
of the codec. They are implemented in compliance with AC
’97 Rev 2.1 to support the standard device power manage-
ment states D0 – D3 as defined in the ACPI and PCI Bus
Power Management Specification.
PR0 controls the powerdown state of the ADC and associ-
ated sampling rate conversion circuitry. PR1 controls power-
down for the DAC and the DAC sampling rate conversion
circuitry. PR2 powers down the mixer circuits (MIX1, MIX2,
National 3D Sound, Mono Out, Line Out). PR3 powers down
V
REF in addition to all the same mixer circuits as PR2. PR4
powers down the AC Link digital interface – see Figure 8 for
signal powerdown timing. PR5 disables internal clocks. PR6
is not used. EAPD controls the External Amplifier Power-
Down bit.
BIT#
BIT
Function: Status
0
ADC
1 = ADC section ready to
transmit data
1
DAC
1 = DAC section ready to
accept data
2
ANL
1 = Analog mixers ready
3
REF
1 = V
REF is up to nominal level
BIT#
BIT
Function: Powerdown
8
PR0
1 = Powerdown ADCs and
Record Select Mux
9
PR1
1 = Powerdown DACs
10
PR2
1 = Powerdown Analog Mixer
(V
REF still on)
11
PR3
1 = Powerdown Analog Mixer
(V
REF off)
12
PR4
1 = Powerdown AC Link digital
interface (BIT_CLK off)
13
PR5
1 = Disable Internal Clock
14
PR6
Not Used
15
EAPD
External Amplifier PowerDown
*0 = Set EAPD Pin to 0 (pin 47)
Default: 000Fh If ready; otherwise 000Xh
EXTENDED AUDIO ID REGISTER (28h)
This read-only (X001h) register identifies which AC ’97 Ex-
tended Audio features are supported. The LM4549B features
VRA (Variable Rate Audio) and ID1, ID0 (Multiple Codec
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com