Electronic Components Datasheet Search
  English  ▼

X  

LM48823 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48823
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM48823 Datasheet HTML 6Page - National Semiconductor (TI) LM48823 Datasheet HTML 7Page - National Semiconductor (TI) LM48823 Datasheet HTML 8Page - National Semiconductor (TI) LM48823 Datasheet HTML 9Page - National Semiconductor (TI) LM48823 Datasheet HTML 10Page - National Semiconductor (TI) LM48823 Datasheet HTML 11Page - National Semiconductor (TI) LM48823 Datasheet HTML 12Page - National Semiconductor (TI) LM48823 Datasheet HTML 13Page - National Semiconductor (TI) LM48823 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application Information
I2C COMPATIBLE INTERFACE
The LM48823 is controlled through an I2C compatible serial
interface that consists of a serial data line (SDA) and a serial
clock (SCL). The clock line is uni-directional. The data line is
bi-directional (open drain). The LM48823 and the master can
communicate at clock rates up to 400kHz. Figure 2 shows the
I2C interface timing diagram. Data on the SDA line must be
stable during the HIGH period of SCL. The LM48823 is a
transmit/receive slave-only device, reliant upon the master to
generate the SCL signal. Each transmission sequence is
framed by a START condition and a STOP condition (Figure
3). Each data word, device address and data, transmitted
over the bus is 8 bits long and is always followed by an ac-
knowledge pulse (Figure 4). The LM48823 device address is
1110110.
I2C BUS FORMAT
The I2C bus format is shown in Figure 4. The START signal,
the transition of SDA from HIGH to LOW while SCL is HIGH,
is generated, alerting all devices on the bus that a device ad-
dress is being written to the bus.
The 7-bit device address is written to the bus, most significant
bit (MSB) first, followed by the R/W bit. R/W = 0 indicates the
master is writing to the slave device, R/W = 1 indicates the
master wants to read data from the slave device. Set R/W =
0; the LM48823 is a WRITE-ONLY device and will not re-
spond to the R/W = 1. The data is latched in on the rising edge
of the clock. Each address bit must be stable while SCL is
HIGH. After the last address bit is transmitted, the master de-
vice releases SDA, during which time, an acknowledge clock
pulse is generated by the slave device. If the LM48823 re-
ceives the correct address, the device pulls the SDA line low,
generating an acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit reg-
ister data word is sent. Each data bit should be stable while
SCL is HIGH. After the 8-bit register data word is sent, the
LM48823 sends another ACK bit. Following the acknowl-
edgement of the register data word, the master issues a
STOP bit, allowing SDA to go high while SCL is high.
30068467
FIGURE 2. I2C Timing Diagram
300684g8
FIGURE 3. Start and Stop Diagram
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com