Electronic Components Datasheet Search
  English  ▼

X  

LME49610 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LME49610
Description  High Performance, High Fidelity, High Current Audio Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LME49610 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LME49610 Datasheet HTML 9Page - National Semiconductor (TI) LME49610 Datasheet HTML 10Page - National Semiconductor (TI) LME49610 Datasheet HTML 11Page - National Semiconductor (TI) LME49610 Datasheet HTML 12Page - National Semiconductor (TI) LME49610 Datasheet HTML 13Page - National Semiconductor (TI) LME49610 Datasheet HTML 14Page - National Semiconductor (TI) LME49610 Datasheet HTML 15Page - National Semiconductor (TI) LME49610 Datasheet HTML 16Page - National Semiconductor (TI) LME49610 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
area attains a nominal value of 20°C/W junction to ambient
thermal resistance (
θ
JA) under zero air flow.
30042562
FIGURE 6. Thermal Resistance (typ) for 5 lead TO-263
Package Mounted on 1oz. copper
A copper plane may be placed directly beneath the tab. Ad-
ditionally, a matching plane can be placed on the opposite
side. If a plane is placed on the side opposite of the
LME49610, connect it to the plane to which the buffer’s metal
tab is soldered with a matrix of thermal vias per JEDEC Stan-
dard JESD51-5.
Determining Copper Area
Find the required copper heat sink area using the following
guidelines:
1. Determine the maximum power dissipation of the
LME49610, P
D.
2. Specify a maximum operating ambient temperature, T
A
(MAX). Note that the die temperature, TJ, will be higher than
T
A by an amount that is dependent on the thermal resistance
from junction to ambient,
θ
JA. Therefore, TA must be specified
such that T
J does not exceed the absolute maximum die tem-
perature of 150°C.
3. Specify a maximum allowable junction temperature, T
J
(MAX), This is the LME49610’s die temperature when the buffer
is drawing maximum current (quiescent and load). It is pru-
dent to design for a maximum continuous junction tempera-
ture of 100°C to 130°C. Ensure, however, that the junction
temperature never exceeds the 150°C absolute maximum
rating for the part.
4. Calculate the value of junction to ambient thermal resis-
tance,
θ
JA.
5. θ
JA as a function of copper area in square inches is shown
in Figure 6. Choose a copper area that will guarantee the
specified T
J(MAX) for the calculated θJA. The maximum value
of junction to ambient thermal resistance,
θ
JA, is defined as:
θ
JA = (TJ(MAX) - TA(MAX) ) / PD(MAX) (°C/W)
(1)
where:
T
J(MAX) = the maximum recommended junction temperature
T
A(MAX)
= the maximum ambient temperature in the
LME49610’s environment
P
D(MAX) = the maximum recommended power dissipation
Note: The allowable thermal resistance is determined by the
maximum allowable temperature increase:
T
RISE = TJ(MAX) - TA(MAX)
Thus, if ambient temperature extremes force T
RISE to exceed
the design maximum, the part must be de-rated by either de-
creasing P
D to a safe level, reducing θJA further, or, if avail-
able, using a larger copper area.
Procedure
1. First determine the maximum power dissipated by the
LME49610, P
D(MAX). For the simple case of the buffer driving
a resistive load, and assuming equal supplies, P
D(MAX) is giv-
en by:
P
DMAX(AC) = (IS x VS) + (VS)
2 / (2
π2R
L)
(Watts)
(2)
P
DMAX(DC) = (IS x VS) + (VS)
2 / R
L
(Watts)
(3)
where:
V
S = |VEE| + VCC (V)
I
S = quiescent supply current (A)
Equation (2) is for sinusoidal output voltages and (3) is for DC
output voltages
2. Determine the maximum allowable die temperature rise,
T
RISE(MAX) = TJ(MAX) - TA(MAX)
°C
(4)
3. Using the calculated value of T
RISE(MAX) and PD(MAX), find
the required value of junction to ambient thermal resistance
combining equation 1 and equation 4 to derive equation 5:
θ
JA = TRISE(MAX) / PD(MAX)
(°C/W)
(5)
4. Finally, choose the minimum value of copper area from
Figure 6 based on the value for
θ
JA.
Example
Assume the following conditions: V
S
= |V
EE| + VCC = 30V,
R
L = 32Ω, IS = 15mA, sinusoidal output voltage, TJ(MAX) = 125°
C, T
A(MAX) = 85°C.
Applying Equation (2):
P
DMAX = (IS x VS) + (VS)
2 / 2
π2R
L
= (15mA)(30V) + 900V2
/ 632Ω
= 1.87W
Applying Equation (4):
T
RISE(MAX) = 125°C – 85°C
= 40°C
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com