Electronic Components Datasheet Search
  English  ▼

X  

LM48860 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48860
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48860 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM48860 Datasheet HTML 1Page - National Semiconductor (TI) LM48860 Datasheet HTML 2Page - National Semiconductor (TI) LM48860 Datasheet HTML 3Page - National Semiconductor (TI) LM48860 Datasheet HTML 4Page - National Semiconductor (TI) LM48860 Datasheet HTML 5Page - National Semiconductor (TI) LM48860 Datasheet HTML 6Page - National Semiconductor (TI) LM48860 Datasheet HTML 7Page - National Semiconductor (TI) LM48860 Datasheet HTML 8Page - National Semiconductor (TI) LM48860 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 17, 2008
LM48860
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo
Headphone Amplifier
General Description
The LM48860 is a ground referenced, fixed-gain audio power
amplifier capable of delivering 40mW per channel of contin-
uous average power into a 16
Ω single-ended load with less
than 1% THD+N from a 3V power supply.
The LM48860 features a new circuit technology that utilizes
a charge pump to generate a negative reference voltage. This
allows the outputs to be biased about ground, thereby elimi-
nating output-coupling capacitors typically used with normal
single-ended loads.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM48860 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM48860 features a low-power consumption shutdown
mode selectable for either channel separately. This is accom-
plished by driving either the SD_RC (Shutdown Right Chan-
nel) or SD_LC (Shutdown Left Channel) (or both) pins with
logic low, depending on which channel is desired shutdown.
Additionally, the LM48860 features an internal thermal shut-
down protection mechanism.
The LM48860 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during turn-on
and turn-off transitions.
The LM48860 has an internal fixed gain of 1.5V/V.
Key Specifications
■ PSRR at 217Hz (V
DD = 3.0V)
80dB (typ)
■ Stereo Power Output at V
DD = 3V
R
L = 16Ω, THD+N = 1%
40mW (typ)
■ Shutdown Current
0.1μA (typ)
■ Internal Fixed Gain
1.5V/V (typ)
■ Operating Voltage
2.0V to 5.5V
Features
■ Fixed logic levels with supply voltage
■ Ground referenced outputs
■ High PSRR
■ Available in space-saving micro SMD package
■ Ultra low current shutdown mode
■ Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
■ No output coupling capacitors, snubber networks,
bootstrap capacitors, or gain-setting resistors required
■ Shutdown either channel independently
Applications
■ Mobile Phones
■ MP3 Players
■ PDAs
■ Portable electronic devices
■ Notebook PCs
Boomer® is a registered trademark of National Semiconductor Corporation.
© 2008 National Semiconductor Corporation
300068
www.national.com


Similar Part No. - LM48860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI2-LM48860 Datasheet
570Kb / 21P
LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
REVISED MAY 2013
LM48860TL/NOPB TI1-LM48860TL/NOPB Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860TL/NOPB TI2-LM48860TL/NOPB Datasheet
570Kb / 21P
LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
REVISED MAY 2013
More results

Similar Description - LM48860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com