Electronic Components Datasheet Search
  English  ▼

X  

DS91M125 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS91M125
Description  125 MHz 1:4 M-LVDS Repeater with LVDS Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS91M125 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS91M125 Datasheet HTML 1Page - National Semiconductor (TI) DS91M125 Datasheet HTML 2Page - National Semiconductor (TI) DS91M125 Datasheet HTML 3Page - National Semiconductor (TI) DS91M125 Datasheet HTML 4Page - National Semiconductor (TI) DS91M125 Datasheet HTML 5Page - National Semiconductor (TI) DS91M125 Datasheet HTML 6Page - National Semiconductor (TI) DS91M125 Datasheet HTML 7Page - National Semiconductor (TI) DS91M125 Datasheet HTML 8Page - National Semiconductor (TI) DS91M125 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ordering Information
Order Number
Function
Package Type
DS91M125TMA
1:4 Repeater
SOIC-16
Connection Diagram
30054201
Logic Diagram
30054203
Pin Descriptions
Number
Name
I/O, Type
Description
1, 2, 3, 8
DE
I, LVCMOS
Driver enable pins: When DE is low, the driver is disabled. When
DE is high, the driver is enabled. There is a 300 k
Ω pulldown
resistor on each pin.
6
DI+
I, LVDS
Non-inverting receiver input pin.
7
DI-
I, LVDS
Inverting receiver input pin.
5
GND
Power
Ground pin.
10, 11, 14, 15
A
O, M-LVDS
Non-inverting driver output pin.
9, 12, 13, 16
B
O, M-LVDS
Inverting driver output pin.
4
V
DD
Power
Power supply pin, +3.3V ± 0.3V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com