Electronic Components Datasheet Search
  English  ▼

X  

LP38511 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38511 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP38511_09 Datasheet HTML 6Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 7Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 8Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 9Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 10Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 11Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 12Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 13Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
20182934
FIGURE 2. ERROR Flag Operation, biased from V
IN
POWER DISSIPATION/HEATSINKING
A heatsink may be required depending on the maximum pow-
er
dissipation
(P
D(MAX)),
maximum
ambient
temperature (T
A(MAX)) of the application, and the thermal re-
sistance (
θ
JA) of the package. Under all possible conditions,
the junction temperature (T
J) must be within the range spec-
ified in the Operating Ratings. The total power dissipation of
the device is given by:
P
D = ( (VIN−VOUT) x IOUT) + (VIN x IGND)
(1)
where I
GND is the operating ground current of the device
(specified under Electrical Characteristics).
The maximum allowable junction temperature rise (
ΔT
J) de-
pends on the maximum expected ambient temperature (T
A
(MAX)) of the application, and the maximum allowable junction
temperature (T
J(MAX)):
ΔT
J = TJ(MAX)− TA(MAX)
(2)
The maximum allowable value for junction to ambient Ther-
mal Resistance,
θ
JA, can be calculated using the formula:
θ
JA = ΔTJ / PD(MAX)
(3)
HEATSINKING TO-263 PACKAGE
The TO-263 and the TO-263 THIN packages use the copper
plane on the PCB as a heatsink. The tab, or DAP, of these
packages are soldered to the copper plane for heat sinking.
Figure 3 shows a curve for the
θ
JA of TO-263 package for
different copper area sizes, using a typical PCB with 1 ounce
copper and no solder mask over the copper area for heat
sinking.
20182935
FIGURE 3.
θ
JA vs Copper (1 Ounce) Area for TO-263
package
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. The minimum
value for
θ
JA for the TO-263 package mounted to a two-layer
PCB is 32°C/W.
Figure 4 shows the maximum allowable power dissipation for
TO-263 packages for different ambient temperatures, assum-
ing
θ
JA is 35°C/W and the maximum junction temperature is
125°C.
20182936
FIGURE 4. Maximum Power Dissipation vs Ambient
Temperature for TO-263 Package
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com