Electronic Components Datasheet Search
  English  ▼

X  

LP38511TJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38511TJ
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38511TJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP38511TJ Datasheet HTML 1Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 2Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 3Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 4Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 5Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 6Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 7Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 8Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25°C, VIN = 2.5V, VEN = VIN,
C
IN = 10 µF, COUT = 10 µF, IOUT = 10 mA.
V
OUT vs Temperature
20182911
V
OUT vs VIN
20182937
Ground Pin Current (I
GND) vs VIN
20182912
Ground Pin Current (I
GND) vs Temperature
20182913
Ground Pin Current(I
GND) vs Temperature, VEN = 0.5V
20182914
Enable Thresholds vs Temperature
20182916
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com