Electronic Components Datasheet Search
  English  ▼

X  

LP38512 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38512
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38512 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP38512_09 Datasheet HTML 1Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 2Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 3Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 4Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 5Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 6Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 7Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 8Page - National Semiconductor (TI) LP38512_09 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP38512-1.8
March 6, 2009
1.5A Fast-Transient Response Low-Dropout Linear
Voltage Regulator with Error Flag
General Description
The LP38512-1.8 Fast-Transient Response Low-Dropout
Voltage Regulator offers the highest-performance in meeting
AC and DC accuracy requirements for powering Digital
Cores. The LP38512-1.8 uses a proprietary control loop that
enables extremely fast response to change in line conditions
and load demands. Output Voltage DC accuracy is guaran-
teed at 2.5% over line, load and full temperature range from
-40°C to +125°C. The LP38512-1.8 is designed for inputs
from the 2.5V, 3.3V, and 5.0V rail, is stable with 10
μF ceramic
capacitors, and has a fixed 1.8V output. An Error Flag feature
monitors the output voltage and notifies the system processor
when the output voltage falls more than 15% below the nom-
inal value. The LP38512-1.8 provides excellent transient per-
formance to meet the demand of high performance digital
core ASICs, DSPs, and FPGAs found in highly-intensive ap-
plications such as servers, routers/switches, and base sta-
tions.
Features
■ 2.25V to 5.5V Input Voltage Range
■ 1.8V Fixed Output Voltage
■ 1.5A Output Load Current
■ ±2.5% Accuracy over Line, Load, and Full-Temperature
Range from -40°C to +125°C
■ Stable with tiny 10 µF ceramic capacitors
■ 0.20% Output Voltage Load Regulation from 10 mA to
1.5A
■ Enable pin
■ Error Flag Indicates Status of Output Voltage
■ 1uA of Quiescent current in Shutdown
■ 40dB of PSRR at 100 kHz
■ Over-Temperature and Over-Current Protection
■ TO-263 and TO-263 THIN Surface Mount Packages
Applications
■ Digital Core ASICs, FPGAs, and DSPs
■ Servers
■ Routers and Switches
■ Base Stations
■ Storage Area Networks
■ DDR2 Memory
Typical Application Circuit
20183001
© 2009 National Semiconductor Corporation
201830
www.national.com


Similar Part No. - LP38512_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-1.8 TI1-LP38512-1.8 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 TI1-LP38512-1.8 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results

Similar Description - LP38512_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com