Electronic Components Datasheet Search
  English  ▼

X  

LM48520 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48520
Description  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48520 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM48520 Datasheet HTML 1Page - National Semiconductor (TI) LM48520 Datasheet HTML 2Page - National Semiconductor (TI) LM48520 Datasheet HTML 3Page - National Semiconductor (TI) LM48520 Datasheet HTML 4Page - National Semiconductor (TI) LM48520 Datasheet HTML 5Page - National Semiconductor (TI) LM48520 Datasheet HTML 6Page - National Semiconductor (TI) LM48520 Datasheet HTML 7Page - National Semiconductor (TI) LM48520 Datasheet HTML 8Page - National Semiconductor (TI) LM48520 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD, V1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150°C
Thermal Resistance
 θ
JA (TL)
40.5 °C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40°C
≤ T
A ≤ +85°C
Supply Voltage (V
DD)
2.7V
≤ V
DD ≤ 5.0V
Amplifier Voltage (V1 )
Not under Boosted Condition
2.4V
≤ V
1 ≤ 5.5V
Amplifier Voltage (PV1 )
Under Boosted Condition
3.0V
≤ PV
1 ≤ 5.0V
Electrical Characteristics V
DD = 3.3V (Notes 1, 2)
The following specifications apply for V
DD = 3.3V, AV = 6dB, RL = 15µH + 8Ω +15µH, fIN = 1kHz, unless otherwise specified. Limits
apply for T
A = 25°C, R1 = 40.2kΩ, R2 = 16.2kΩ, V1 = PV1 = 5V, Vlimit = GND. All electrical specifications are for amplifier and booster.
Symbol
Parameter
Conditions
LM48520
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0, RLOAD = ∞
V
DD = 2.7V
14.8
V
DD = 3.3V
11.5
15.5
mA (max)
V
DD = 5.0V
8.0
I
SD
Shutdown Current
V
SHUTDOWN = GND
0.04
1.0
μA (max)
V
SDIH
Shutdown Voltage Input High
For SD Boost, SD Amp
1.4
V
V
SDIL
Shutdown Voltage Input Low
For SD Boost, SD Amp
0.4
V
T
WU
Wake-up Time
Amplifier + Booster Wakeup
3
ms
V
OS
Output Offset Voltage
5
mV
A
V
Gain
G0, G1 = GND
R
L = ∞
6
dB
G0 = V
DD, G1 = GND
R
L = ∞
12
dB
G0 = GND, G1 = V
DD
R
L = ∞
18
dB
G0, G1 = V
DD
R
L = ∞
24
dB
P
O
Output Power
R
L = 15μH + 8Ω + 15μH
THD+N = 1% (max),
f = 1kHz, 22kHz, BW
V
DD = 3.3V
1.1
0.87
W (min)
R
L = 15μH + 8Ω + 15μH
THD+N = 10% (max),
f = 1kHz, 22kHz, BW
V
DD = 3.3V
1.3
W
THD+N
Total Harmonic Distortion + Noise
P
O = 500mW, f = 1kHz,
R
L = 15μH + 8Ω + 15μH,
V
DD = 3.3V
0.04
%
ε
OS
Output Noise
V
DD = 3.6V, f = 20Hz – 20kHz
Inputs to AC GND, A weighted
32
µV
RMS
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com