Electronic Components Datasheet Search
  English  ▼

X  

LM48520TL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48520TL
Description  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48520TL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM48520TL Datasheet HTML 10Page - National Semiconductor (TI) LM48520TL Datasheet HTML 11Page - National Semiconductor (TI) LM48520TL Datasheet HTML 12Page - National Semiconductor (TI) LM48520TL Datasheet HTML 13Page - National Semiconductor (TI) LM48520TL Datasheet HTML 14Page - National Semiconductor (TI) LM48520TL Datasheet HTML 15Page - National Semiconductor (TI) LM48520TL Datasheet HTML 16Page - National Semiconductor (TI) LM48520TL Datasheet HTML 17Page - National Semiconductor (TI) LM48520TL Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Output Speaker Protection Function
The LM48520’s output voltage limiter can be used to set a
minimum and maximum output voltage swing magnitude. The
voltage applied to the VLimit pin controls the limit on the out-
put voltage level. The output level is determined by the fol-
lowing equation:
Vout clipped = 8/3 * (PV1 — 2 * Vlimit)
or
Vout clipped = 1/2 * (PV1 — 3/8 * Vout clipped)
Where, Vout clipped = the desired output level measured in
Vpk, PV1 = Boost output voltage, and Vlimit is the voltage
applied the the Vlimit pin on the LM48520.
To disable the limiter, set Vlimit = 0V.
Figure 2 provides an example of how the output voltage limiter
functions with V
DD = 3.3V, AV = 6dB, PV1 = 5V, Vlimit = 2V,
R
L = 8Ω, VIN = 2VP.
20198729
FIGURE 2. Soft Clipping vs No Clipping
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com