Electronic Components Datasheet Search
  English  ▼

X  

LM48861TM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48861TM
Description  Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48861TM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM48861TM Datasheet HTML 1Page - National Semiconductor (TI) LM48861TM Datasheet HTML 2Page - National Semiconductor (TI) LM48861TM Datasheet HTML 3Page - National Semiconductor (TI) LM48861TM Datasheet HTML 4Page - National Semiconductor (TI) LM48861TM Datasheet HTML 5Page - National Semiconductor (TI) LM48861TM Datasheet HTML 6Page - National Semiconductor (TI) LM48861TM Datasheet HTML 7Page - National Semiconductor (TI) LM48861TM Datasheet HTML 8Page - National Semiconductor (TI) LM48861TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 1, Note
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note1)
3V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Ratings (HBM) (Note 4)
2000V
ESD Ratings
(OUTL, OUTR) (Note 4)
8000V
ESD Susceptibility
(Machine Model) (Note 5)
200V
Junction Temperature
150°C
Thermal Resistance
 θ
JA (TM)
70°C/W (typ)
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40°C
≤ T
A ≤ +85°C
Supply Voltage (V
DD)
1.2V
≤ V
DD ≤ 2.8V
Electrical Characteristics V
DD = 1.5V (Note 1, Note 2)
The following specifications apply for V
DD = 1.5V, AV = –1V/V, RL = 32kΩ, f = 1kHz, unless otherwise specified. Limits apply for
T
A = 25°C.
Symbol
Parameter
Conditions
LM48861
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Both channels enabled
2
2.8
mA (max)
I
SD
Shutdown Current
Shutdown Enabled
V
SHDN = GND
0.01
1.5
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V, RL = 32Ω
Both channels enabled
0.5
1.5
mV (max)
V
IH
Shutdown Input Voltage High
1.4
V(min)
V
IL
Shutdown Input Voltage Low
0.4
V(max)
T
WU
Wake Up Time
500
700
μs (max)
P
O
Output Power
THD+N = 1% R
L = 32Ω, f = 1kHz,
Both channels in phase and active
V
DD = 1.5V
V
DD = 1.8V
13
22
12
20
mW (min)
mW (min)
THD+N = 1% R
L = 16Ω, f = 1kHz,
Both channels in phase and active
V
DD = 1.5V
V
DD = 1.8V
12
24
mW
mW
V
LINE-OUT
Output Voltage to Line Out
R
L = 10kΩ, f = 1kHz
V
DD = 1.5V, THD+N = 1%, RL = 10kΩ
1.1
1
V
RMS (min)
V
DD = 1.8V, THD+N = 1%, RL = 10kΩ
1.3
1.2
V
RMS (min)
THD+N
Total Harmonic Distortion + Noise
P
O = 8mW, f = 1kHz, RL = 32Ω
0.04
%
P
O = 8mW, f = 1kHz, RL = 16Ω
0.07
%
V
OLIF = 900mVRMS, f = 1kHz, RL = 10kΩ
0.001
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVP-P Sine, Inputs AC GND, C1 = C2 = 0.39μF
f
RIPPLE = 217Hz
f
RIPPLE = 1kHz
f
RIPPLE = 15kHz
83
77
57
dB
dB
dB
SNR
Signal-to-Noise Ratio
R
L = 32Ω, POUT = 8mW
(A-weighted), f = 1kHz
BW = 20Hz to 22kHz
102
dB
X
TALK
Crosstalk
R
L = 32Ω, POUT = 5mW, f = 1kHz
93
dB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com