Electronic Components Datasheet Search
  English  ▼

X  

LMV761MF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV761MF
Description  Low Voltage, Precision Comparator with Push-Pull Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV761MF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV761MF Datasheet HTML 4Page - National Semiconductor (TI) LMV761MF Datasheet HTML 5Page - National Semiconductor (TI) LMV761MF Datasheet HTML 6Page - National Semiconductor (TI) LMV761MF Datasheet HTML 7Page - National Semiconductor (TI) LMV761MF Datasheet HTML 8Page - National Semiconductor (TI) LMV761MF Datasheet HTML 9Page - National Semiconductor (TI) LMV761MF Datasheet HTML 10Page - National Semiconductor (TI) LMV761MF Datasheet HTML 11Page - National Semiconductor (TI) LMV761MF Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Information
BASIC COMPARATOR
A basic comparator circuit is used to convert analog input
signals to digital output signals. The comparator compares an
input voltage (V
IN) at the non-inverting input to the reference
voltage (V
REF) at the inverting pin. If VIN is less than VREF the
output (V
O) is low (VOL). However, if VIN is greater than
V
REF, the output voltage (VO) is high (VOH).
20037028
20037031
FIGURE 1. Basic Comparator
HYSTERESIS
The basic comparator configuration may oscillate or produce
a noisy output if the applied differential input is near the
comparator's input offset voltage. This tends to occur when
the voltage on one input is equal or very close to the other
input voltage. Adding hysteresis can prevent this problem.
Hysteresis creates two switching thresholds (one for the rising
input voltage and the other for the falling input voltage). Hys-
teresis is the voltage difference between the two switching
thresholds. When both inputs are nearly equal, hysteresis
causes one input to effectively move quickly past the other.
Thus, moving the input out of the region in which oscillation
may occur.
Hysteresis can easily be added to a comparator in a non-in-
verting configuration with two resistors and positive feedback
Figure 2. The output will switch from low to high when V
IN rises
up to V
IN1, where VIN1 is calculated by
V
IN1 = (VREF(R1+R2))/R2
The output will switch from high to low when V
IN falls to VIN2,
where V
IN2 is calculated by
V
IN2 = (VREF(R1+R2) – VCC R1)/R2
The Hysteresis is the difference between V
IN1 and VIN2.
ΔV
IN = VIN1 - VIN2
= ((V
REF(R1+R2))/R2)-((VREF(R1+R2)) - (VCC R1))/R2)
= V
CC R1/R2
20037026
20037027
FIGURE 2. Non-Inverting Comparator Configuration
INPUT
The LMV761/LMV762 have near zero input bias current. This
allows very high resistance circuits to be used without any
concern for matching input resistances. This also allows the
use of very small capacitors in R-C type timing circuits. This
reduces the cost of the capacitors and amount of board space
used.
SHUTDOWN MODE
The LMV761 features a low-power shutdown pin that is acti-
vated by driving SD low. In shutdown mode, the output is in
a high impedance state, supply current is reduced to 20nA
and the comparator is disabled. Driving SD high will turn the
comparator on. The SD pin should not be left unconnected
due to the fact that it is a high impedance input. When left
unconnected, the output will be at an unknown voltage. Also
do not three-state the SD pin.
The maximum input voltage for SD is 5.5V, referred to ground
and is not limited by V
CC. This allows the use of 5V logic to
drive SD while V
CC operates at a lower voltage, such as 3V.
The logic threshold limits for SD are proportional to V
CC.
BOARD LAYOUT AND BYPASSING
The LMV761/LMV762 is designed to be stable and oscillation
free, but it is still important to include the proper bypass ca-
pacitors and ground pickups. Ceramic 0.1
μF capacitors
should be placed at both supplies to provide clean switching.
Minimize the length of signal traces to reduce stray capaci-
tance.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com