Electronic Components Datasheet Search
  English  ▼

X  

PCA2000U10AC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA2000U10AC
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000U10AC Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA2000U10AC Datasheet HTML 1Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 2Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 3Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 4Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 5Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 6Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 7Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 8Page - NXP Semiconductors PCA2000U10AC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1.
General description
The PCA2000 and PCA2001 are CMOS integrated circuits for battery operated wrist
watches with a 32 kHz quartz crystal as timing element and a bipolar 1 Hz stepping motor.
The quartz crystal oscillator and the frequency divider are optimized for minimum power
consumption. A timing accuracy of 1 ppm is achieved with a programmable, digital
frequency adjustment.
To obtain the minimum overall power consumption for the watch, an automatic motor
pulse adaptation function is provided. The circuit supplies only the minimum drive current,
which is necessary to ensure a correct motor step. Changing the drive current of the
motor is achieved by chopping the motor pulse with a variable duty cycle. The pulse width
and the range of the variable duty cycle can be programmed to suit different types of
motors. The automatic pulse adaptation scheme is based on a safe dynamic detection of
successful motor steps.
A pad RESET is provided (used for stopping the motor) for accurate time setting and for
accelerated testing of the watch.
The PCA2000 has a battery End Of Life (EOL) warning function. If the battery voltage
drops below the EOL threshold voltage (which can be programmed for silver oxide or
lithium batteries), the motor steps change from one pulse per second to a burst of four
pulses every 4 seconds.
The PCA2001 uses the same circuit as the PCA2000, but without the EOL function.
2.
Features and benefits
Amplitude-regulated 32 kHz quartz crystal oscillator, with excellent frequency stability
and high immunity to leakage currents
Electrically programmable time calibration with 1 ppm resolution stored in One Time
Programmable (OTP) memory
The quartz crystal is the only external component connected
Very low power consumption, typical 90 nA
One second output pulses for bipolar stepping motor
Minimum power consumption for the entire watch, due to self adaptation of the motor
drive according to the required torque
Reliable step detection circuit
Motor pulse width, pulse modulation, and pulse adaptation range programmable in a
wide range, stored in OTP memory
Stop function for accurate time setting and power saving during shelf life
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
Rev. 08 — 23 August 2010
Product data sheet


Similar Part No. - PCA2000U10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2000U PHILIPS-PCA2000U Datasheet
120Kb / 19P
32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2000U/10AB NXP-PCA2000U/10AB Datasheet
140Kb / 28P
32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2000U/AB NXP-PCA2000U/AB Datasheet
140Kb / 28P
32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
More results

Similar Description - PCA2000U10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2000 PHILIPS-PCA2000 Datasheet
120Kb / 19P
32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2001 NXP-PCA2001 Datasheet
140Kb / 28P
32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA2003 NXP-PCA2003 Datasheet
108Kb / 21P
32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 01-15 December 2008
PCA2003 NXP-PCA2003_09 Datasheet
118Kb / 21P
32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 02-21 July 2009
PCA1461U NXP-PCA1461U Datasheet
100Kb / 24P
32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA146X NXP-PCA146X Datasheet
115Kb / 24P
32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
32 kHz watch circuits with EEPROM
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com