Electronic Components Datasheet Search
  English  ▼

X  

BGO827 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGO827
Description  870 MHz optical receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGO827 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGO827 Datasheet HTML 1Page - NXP Semiconductors BGO827 Datasheet HTML 2Page - NXP Semiconductors BGO827 Datasheet HTML 3Page - NXP Semiconductors BGO827 Datasheet HTML 4Page - NXP Semiconductors BGO827 Datasheet HTML 5Page - NXP Semiconductors BGO827 Datasheet HTML 6Page - NXP Semiconductors BGO827 Datasheet HTML 7Page - NXP Semiconductors BGO827 Datasheet HTML 8Page - NXP Semiconductors BGO827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BGO827_FC0_SC0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 29 September 2010
2 of 11
NXP Semiconductors
BGO827; BGO827/FC0/SC0
870 MHz optical receivers
1.4 Quick reference data
2.
Pinning information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
frequency range
40
-
870
MHz
s22
output return losses
f = 40 MHz to 870 MHz
11
-
-
dB
optical input return losses
45
-
-
dB
d2
second order distortion
f = 854.5 MHz
-
-
−57
dB
F
equivalent noise input
f = 40 MHz to 870 MHz
-
-
8.5
pA/
√Hz
Itot
total current consumption
(DC)
VB = 24 V
175
-
205
mA
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BGO827 (SOT115T)
1
monitor current
2, 3
common
4+VB of the photodiode
5+VB of the amplifier
7, 8
common
9output
BGO827/FC0 (SOT115X)
1
monitor current
2, 3
common
4+VB of the photodiode
5+VB of the amplifier
7, 8
common
9output
BGO827/SC0 (SOT115Y)
1
monitor current
2, 3
common
4+VB of the photodiode
5+VB of the amplifier
7, 8
common
9output
9
1
57
sym098
1
2, 3, 7, 8
5
4
9
9
7
5
1
sym098
1
2, 3, 7, 8
5
4
9
9
7
5
1
sym098
1
2, 3, 7, 8
5
4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com